Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM359N Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM359N
Description  Dual, High Speed, Programmable, Current Mode Norton Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM359N Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM359N Datasheet HTML 13Page - National Semiconductor (TI) LM359N Datasheet HTML 14Page - National Semiconductor (TI) LM359N Datasheet HTML 15Page - National Semiconductor (TI) LM359N Datasheet HTML 16Page - National Semiconductor (TI) LM359N Datasheet HTML 17Page - National Semiconductor (TI) LM359N Datasheet HTML 18Page - National Semiconductor (TI) LM359N Datasheet HTML 19Page - National Semiconductor (TI) LM359N Datasheet HTML 20Page - National Semiconductor (TI) LM359N Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Typical Applications (Continued)
Balanced Line Driver
DS007788-30
•
1 MHz−3 dB bandwidth with gain of 10 and 0 dbm into 600
Ω
•
0.3% distortion at full bandwidth; reduced to 0.05% with bandwidth of 10 kHz
•
Will drive C
L = 1500 pF with no additional compensation, ±0.01 µF with Ccomp = 180 pF
•
70 dB signal to noise ratio at 0 dbm into 600
Ω, 10 kHz bandwidth
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com