Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM359N Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM359N
Description  Dual, High Speed, Programmable, Current Mode Norton Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM359N Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM359N Datasheet HTML 1Page - National Semiconductor (TI) LM359N Datasheet HTML 2Page - National Semiconductor (TI) LM359N Datasheet HTML 3Page - National Semiconductor (TI) LM359N Datasheet HTML 4Page - National Semiconductor (TI) LM359N Datasheet HTML 5Page - National Semiconductor (TI) LM359N Datasheet HTML 6Page - National Semiconductor (TI) LM359N Datasheet HTML 7Page - National Semiconductor (TI) LM359N Datasheet HTML 8Page - National Semiconductor (TI) LM359N Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LM359
Dual, High Speed, Programmable, Current Mode (Norton)
Amplifiers
General Description
The LM359 consists of two current differencing (Norton) in-
put amplifiers. Design emphasis has been placed on obtain-
ing high frequency performance and providing user program-
mable amplifier operating characteristics. Each amplifier is
broadbanded to provide a high gain bandwidth product, fast
slew rate and stable operation for an inverting closed loop
gain of 10 or greater. Pins for additional external frequency
compensation are provided. The amplifiers are designed to
operate from a single supply and can accommodate input
common-mode voltages greater than the supply.
Applications
n General purpose video amplifiers
n High frequency, high Q active filters
n Photo-diode amplifiers
n Wide frequency range waveform generation circuits
n All LM3900 AC applications work to much higher
frequencies
Features
n User programmable gain bandwidth product, slew rate,
input bias current, output stage biasing current and total
device power dissipation
n High gain bandwidth product (ISET = 0.5 mA)
400 MHz for A
V = 10 to 100
30 MHz for A
V = 1
n High slew rate (ISET = 0.5 mA)
60 V/µs for A
V = 10 to 100
30 V/µs for A
V = 1
n Current differencing inputs allow high common-mode
input voltages
n Operates from a single 5V to 22V supply
n Large inverting amplifier output swing, 2 mV to VCC −
2V
n Low spot noise,
for f > 1 kHz
Typical Application
Connection Diagram
DS007788-1
•
A
V = 20 dB
•
−3 dB bandwidth = 2.5 Hz to 25 MHz
•
Differential phase error < 1˚ at 3.58 MHz
•
Differential gain error < 0.5% at 3.58 MHz
Dual-In-Line Package
DS007788-2
Top View
Order Number LM359J, LM359M or LM359N
See NS Package Number J14A, M14A or N14A
October 1998
© 1999 National Semiconductor Corporation
DS007788
www.national.com


Similar Part No. - LM359N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM359 TI-LM359 Datasheet
1Mb / 34P
LM359 Dual, High Speed, Programmable, Current Mode (Norton) Amplifiers
LM359 TI1-LM359 Datasheet
1Mb / 34P
Dual, High Speed, Programmable, Current Mode (Norton) Amplifiers
logo
National Semiconductor ...
LM3590 NSC-LM3590 Datasheet
205Kb / 9P
LM3590Series White LED Driver
LM3595 NSC-LM3595 Datasheet
233Kb / 11P
The LM3595 is a parallel white-LED driver that is capable of driving four white LEDs.
LM3595LD NSC-LM3595LD Datasheet
233Kb / 11P
The LM3595 is a parallel white-LED driver that is capable of driving four white LEDs.
More results

Similar Description - LM359N

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE869 NTE-NTE869 Datasheet
25Kb / 3P
Integrated Circuit Dual, High Speed, Programmable Current Mode (Norton) Amp
logo
STMicroelectronics
TS272C STMICROELECTRONICS-TS272C Datasheet
216Kb / 9P
HIGH SPEED CMOS DUAL OPERATIONAL AMPLIFIERS
Nov-2001
TS512 STMICROELECTRONICS-TS512 Datasheet
54Kb / 7P
HIGH SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS
Mar-1998
logo
Linear Technology
LT6210 LINER-LT6210 Datasheet
457Kb / 16P
Single/Dual Programmable Supply Current, R-R Output, Current Feedback Amplifiers
logo
Texas Instruments
LM359MX TI-LM359MX Datasheet
1Mb / 34P
LM359 Dual, High Speed, Programmable, Current Mode (Norton) Amplifiers
LM2900DE4 TI-LM2900DE4 Datasheet
618Kb / 16P
QUADRUPLE NORTON OPERATIONAL AMPLIFIERS
LM2900J TI-LM2900J Datasheet
618Kb / 16P
QUADRUPLE NORTON OPERATIONAL AMPLIFIERS
logo
Linear Technology
LT6210 LINER-LT6210_15 Datasheet
351Kb / 18P
Single/Dual Programmable Supply Current, R-R Output, Current Feedback Amplifiers
LT6211 LINER-LT6211_15 Datasheet
351Kb / 18P
Single/Dual Programmable Supply Current, R-R Output, Current Feedback Amplifiers
logo
Texas Instruments
LM359 TI1-LM359 Datasheet
1Mb / 34P
Dual, High Speed, Programmable, Current Mode (Norton) Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com