Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM359N Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM359N
Description  Dual, High Speed, Programmable, Current Mode Norton Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM359N Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM359N Datasheet HTML 8Page - National Semiconductor (TI) LM359N Datasheet HTML 9Page - National Semiconductor (TI) LM359N Datasheet HTML 10Page - National Semiconductor (TI) LM359N Datasheet HTML 11Page - National Semiconductor (TI) LM359N Datasheet HTML 12Page - National Semiconductor (TI) LM359N Datasheet HTML 13Page - National Semiconductor (TI) LM359N Datasheet HTML 14Page - National Semiconductor (TI) LM359N Datasheet HTML 15Page - National Semiconductor (TI) LM359N Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Application Hints (Continued)
DESIGN EXAMPLE:
e
IN = 50 mV (MAX), fIN = 10 MHz (MAX), desired circuit
BW = 20 MHz, A
V = 20 dB, driving source impedance =
75
Ω,V+ = 12V.
1.
Basic circuit configuration:
2.
Select I
SET to provide adequate amplifier bandwidth so
that the closed loop bandwidth will be determined by R
f
and C
f. To do this, the set current should program an
amplifier open loop gain of at least 20 dB at the desired
closed loop bandwidth of the circuit. For this example,
an I
SET of 0.5 mA will provide 26 dB of open loop gain at
20 MHz which will be sufficient. Using single resistor pro-
gramming for I
SET:
3.
Since the closed loop bandwidth will be determined by
to obtain a 20 MHz bandwidth, both R
f and Cf should be kept
small. It can be assumed that C
f can be in the range of 1 pF
to 5 pF for carefully constructed circuit boards to insure sta-
bility and allow a flat frequency response. This will limit the
value of R
f to be within the range of:
Also, for a closed loop gain of +10, R
f must be 10 times Rs
+r
e where re is the mirror diode resistance.
4.
So as not to appreciably load the 75
Ω input termination
resistance the value of (R
s +re) is set to 750Ω.
5.
For A
v = 10; Rf is set to 7.5 kΩ.
6.
The optimum output DC level for symmetrical AC swing
is:
7.
The DC feedback current must be:
DC biasing predictability will be insured because 640 µA is
greater than the minimum of I
SET/5 or 100 µA.
For gain accuracy the total AC and DC mirror current should
be less than 2 mA. For this example the maximum AC mirror
current will be:
therefore the total mirror current range will be 574 µA to 706
µA which will insure gain accuracy.
8.
R
b can now be found:
9.
Since R
s +re will be 750Ω and re is fixed by the DC mir-
ror current to be:
R
s must be 750Ω–40Ω or 710Ω which can be a 680Ω resis-
tor in series with a 30
Ω resistor which are standard 5% toler-
ance resistor values.
10. As a final design step, C
i must be selected to pass the
lower passband frequency corner of 8 Hz for this ex-
ample.
A larger value may be used and a 0.01 µF ceramic capacitor
in parallel with C
i will maintain high frequency gain accuracy.
DS007788-20
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com