Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM363 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM363
Description  LM363 Precision Instrumentation Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM363 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM363 Datasheet HTML 1Page - National Semiconductor (TI) LM363 Datasheet HTML 2Page - National Semiconductor (TI) LM363 Datasheet HTML 3Page - National Semiconductor (TI) LM363 Datasheet HTML 4Page - National Semiconductor (TI) LM363 Datasheet HTML 5Page - National Semiconductor (TI) LM363 Datasheet HTML 6Page - National Semiconductor (TI) LM363 Datasheet HTML 7Page - National Semiconductor (TI) LM363 Datasheet HTML 8Page - National Semiconductor (TI) LM363 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LM363 Electrical Characteristics (Continued) (Notes 1 and 2)
LM363
Parameter
Conditions
Tested
Design
Units
Typ
Limit
Limit
(Note 3)
(Note 4)
Common-Mode Rejection
Ge1000 500
130
114
104
dB
Ratio (b10VsVCMs10V)
Ge100
120
94
84
dB
Ge10
105
90
80
dB
Positive Supply Rejection
Ge1000 500
130
110
100
dB
Ratio (5V to 15V)
Ge100
120
100
95
dB
Ge10
100
85
78
dB
Negative Supply Rejection
Ge1000 500
120
100
90
dB
Ratio (b5V to b15V)
Ge100
106
85
75
dB
Ge10
86
70
60
dB
Input Bias Current
2
10
20
nA
Input Offset Current
1
3
5
nA
Common-Mode Input
100
8
GX
Resistance
Differential Mode Input
Ge1000 500
02
GX
Resistance
Ge100
2
GX
Ge10
20
GX
Input Offset Current Change
b
11VsVCMs13V
20
100
300
paV
Reference and Sense
50
kX
Resistance
Min
30
27
kX
Max
80
83
kX
Open Loop Gain
GCLe1000 500
10
1
V mV
Supply Current
Positive
12
24
30
mA
Negative
16
28
34
mA
Note 1
These conditions apply unless otherwise noted Va e15V Vbeb15V VCMe0V RLe2kX reference pin grounded sense pin connected to output and
Tje25 C
Note 2 Boldface limits are guaranteed over full temperature range
Operating ambient temperature range is 0 Cto70 C for the LM363
Note 3
Guaranteed and 100% production tested
Note 4
Guaranteed but not 100% tested These limits are not used in determining outgoing quality levels
Note 5
Maximum rated junction temperature is 100 C for the LM363 Thermal resistance junction to ambient is 150 CW for the TO-99(H) package and 100 CW
for the ceramic DIP (D)
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com