Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM363 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM363
Description  LM363 Precision Instrumentation Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM363 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM363 Datasheet HTML 5Page - National Semiconductor (TI) LM363 Datasheet HTML 6Page - National Semiconductor (TI) LM363 Datasheet HTML 7Page - National Semiconductor (TI) LM363 Datasheet HTML 8Page - National Semiconductor (TI) LM363 Datasheet HTML 9Page - National Semiconductor (TI) LM363 Datasheet HTML 10Page - National Semiconductor (TI) LM363 Datasheet HTML 11Page - National Semiconductor (TI) LM363 Datasheet HTML 12Page - National Semiconductor (TI) LM363 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Application Hints
The LM363 was designed to be as simple to use as possi-
ble but several general precautions must be taken The dif-
ferential inputs are directly coupled and need a return path
to power supply common Worst-case bias currents are only
10 nA for the LM363 so the return impedance can be as
high as 100 MX Ground drops between signal return and IC
supply common should not be ignored While the LM363
has excellent common-mode rejection signals must remain
within the proper common-mode range for this specification
to apply Operating common-mode range is guaranteed
from b10V to a10V with g15V supplies
The high-gain (500 or 1000) versions have large gain-band-
width products (15 MHz or 30 MHz) so board layout is fairly
critical The differential input leads should be kept away
from output force and sense leads especially at high imped-
ances Only 1 pF from output to positive input at 100 kX
source impedance can cause oscillations The gain adjust
leads on the 16-pin package should be treated as inputs
and kept away from the output wiring
POWER SUPPLY
The LM363 may be powered from split supplies from g5V
to g18V (or single-ended supplies from 10V to 36V) Posi-
tive supply current is typically 12 mA independent of supply
voltage The negative supply current is higher than the posi-
tive by the current drawn through the voltage dividers for the
reference and sense inputs (typ 600 mA total) The LM363’s
excellent PSRR often makes regulated supplies unneces-
sary Actually supply voltage can be as low as 7V total but
PSRR is severely degraded so that well-regulated supplies
are recommended below 10V total Split supplies need not
be balanced output swing and input common-mode range
will simply not be symmetrical with unbalanced supplies For
example at a12V and b5V supplies input common-mode
range is typically a105V to b2V and output swing is a11V
to b4V
When using ultra-low offset versions best results are ob-
tained at g15V supplies For example the LM363-500’s off-
set voltage is guaranteed within 150 mVat g15V at 25 C
Running at g5V results in a worst-case negative PSRR er-
ror of 10V (b15V to b5V) multiplied by 32X10b6 (110 dB)
or 32 mV increasing the worst-case offset Positive PSRR
results in another 10 mV worst-case change
INPUTS
The LM363 input circuitry is depicted in the Simplified Sche-
matic The input stage is run relatively rich (50 mA) for low
voltage noise and wide bandwidth super-beta transistors
and bias-current cancellation (not shown) keep bias cur-
rents low Due to the bias-current cancellation circuitry bias
current may be either polarity at either input While input
current noise is high relative to bias current it is not signifi-
cant until source resistance approaches 100 kX
Input common-mode range is typically from 3V above Vb to
15V below Va so that a large potential drop between the
input signal and output reference can be accommodated
However a return path for the input bias current must be
provided the differential input stage is not isolated from the
supplies Differential input swing in the linear region is equal
to output swing divided by gain and typically ranges from
13V at Ge10 to 13 mV at Ge1000
Clamp diodes are provided to prevent zener breakdown and
resulting degradation of the input transistors At large input
overdrives these diodes conduct greatly increasing input
currents This behavior is illustrated in the IIN vs VIN plot in
the Typical Performance Characteristics (The graph is not
symmetrical because at large input currents a portion of the
current into the device flows out the Vb terminal)
The input protection resistors allow a full 10V differential
input voltage without degradation even at Ge1000 At input
voltages more than one diode drop below Vb or two diode
drops above Va input current increases rapidly Diode
clamps to the supplies or external resistors to limit current
to 20 mA will prevent damage to the device
REFERENCE AND SENSE INPUTS
The equivalent circuit is shown in the schematic diagram
Limitations for correct operation are as follows Maximum
differential swing between reference and sense pins is typi-
cally g15V (g10V guaranteed) If this limit is exceeded the
sense pin no longer controls the output which then pegs
high or low The
negative common-mode limit is 15V below
Vb (This is permissible because R2 and R4 are returned to
a node biased higher than Vb ) If large
positive voltages are
applied to the reference and sense pins the common-mode
range of the signal inputs begins to suffer as the drop
across R13 and R16 increases For example at g15V sup-
plies VREFeVSENSEe0V signal input range is typically
b
12V to a 135V At VREFeVSENSEe15V signal input
range drops to b11V toa135V The reference and sense
pins can be as much as 10V above Va as long as a restrict-
ed signal common-mode range (b10V min) can be tolerat-
ed
For maximum bipolar output swing at g15V supplies the
reference pin should be returned to a voltage close to
ground At lower supply voltages the reference pin need
not be halfway between the supplies for maximum output
swing For example at Va ea 12V and Vb eb5V
grounding the reference pin still allows a a11V to b4V
swing For single-supply systems the reference pin can be
tied to either supply if a single output polarity is all that is
required For a bipolar input and output create a low imped-
ance reference with an op amp and voltage divider or a
regulator (eg LM336 LM385 LM317L) This forms the ref-
erence for all succeeding signal-processing stages (Don’t
connect the reference terminal directly to a voltage divider
this degrades gain error) See
Figure 1
a Usual configuration maximizes bipolar output swing
TLH5609 – 8
b Unequal supplies output ground referred Full output swing pre-
served referred to supplies
FIGURE 1 Reference Connections
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com