Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM363 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM363
Description  LM363 Precision Instrumentation Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM363 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM363 Datasheet HTML 9Page - National Semiconductor (TI) LM363 Datasheet HTML 10Page - National Semiconductor (TI) LM363 Datasheet HTML 11Page - National Semiconductor (TI) LM363 Datasheet HTML 12Page - National Semiconductor (TI) LM363 Datasheet HTML 13Page - National Semiconductor (TI) LM363 Datasheet HTML 14Page - National Semiconductor (TI) LM363 Datasheet HTML 15Page - National Semiconductor (TI) LM363 Datasheet HTML 16Page - National Semiconductor (TI) LM363 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Application Hints (Continued)
Because the LM363’s output voltage is approximately one
diode drop below the voltage at pin 15 (pin 8 for the 8-pin
device) this point may be used to limit output swing as seen
in
Figure 7a Current available from this pin is only 50 mA so
that zeners must have a sharp breakdown to clamp accu-
rately Alternatively a diode tied to a voltage source could
be used as in
Figure 7b
TLH5609 – 15
FIGURE 7 Output Clamp
SHIELD DRIVERS
When differential signals are sent through long cables three
problems occur First noise both common-mode and differ-
ential is picked up Second signal bandwidth is reduced by
the RC low-pass filter formed by the source impedance and
the cable capacitance Finally when these RC time con-
stants are not identical (unbalanced source impedance
andor unbalanced capacitance) AC common-mode rejec-
tion is degraded
amplifying both induced noise and
‘‘ground’’ noise Either filtering at the amplifier inputs or
slowing down the amplifier by overcompensating will indeed
reduce the noise but the price is slower response The
LM363D’s dual shield drivers can actually increase band-
width while reducing noise
The way this is done is by bootstrapping out shield capaci-
tance The shield drivers follow the input signal Since both
sides of the shield capacitance swing the same amount it is
effectively out of the circuit at frequencies of interest
Hence the input signal is not rolled off and AC CMRR is not
degraded (
Figure 8 ) The LM363D’s shield drivers can han-
dle capacitances (shield to center conductor) as high as
1000 pF with source resistances up to 100 kX
For best results identical shielded cables should be used
for both signal inputs although small mismatches in shield
driver to ground capacitance (s500 pF) do not cause prob-
lems At certain low values of cable capacitance (50 pF –
200 pF) high frequency oscillations can occur at high
source resistance (t 10 kX) This is alleviated by adding
50 pF to ground at both shield driver outputs Do not use
only one shield driver for a single-ended signal as oscilla-
tions can result shield driver to input capacitance must be
roughly balanced (g30%) To further reduce noise pickup
the shielded signal lines may be enclosed together in a
grounded shield If a large amount of RF noise is the prob-
lem the only sure cure is a filter capacitor at both inputs
otherwise the RFI may be internally rectified producing an
offset
DC loading on the shield drivers should be minimized The
drivers can only source approximately 40 mA above this
value the input stage bias voltages change degrading VOS
and CMRR While the shield drivers can sink several mA
VOS may degrade severely at loads above 100 mA (see
Shield Driver Loading Error curve in Typical Performance
Characteristics) Because the shield drivers are one diode
drop above the input levels unbalanced leakage paths from
shield to input can produce an input offset at high source
impedances Buffering with emitter-followers (
Figure 8b ) re-
duces this leakage current by reducing the voltage differen-
tial and eliminates any loading on the amplifier
TLH5609 – 16
FIGURE 8 Driving Shielded Cables
MISCELLANEOUS TRIMMING
The VOS adjust and shield driver pins available on the 16-
pin package may be used to trim the other parameters be-
sides offset voltage as illustrated in
Figure 10 The bias-cur-
rent trim relies on the fact that the voltage on the shield
driver and gain setting pins is one diode drop respectively
above and below the input voltage Input bias current can
be held to within 100 pA over the entire common-mode
range and input offset current always stays under 30 pA
The CMRR trims use the shield driver pins to drive the VOS
adjust pins thus maintaining the LM363’s ultra-high input
impedance
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com