Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM363 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM363
Description  LM363 Precision Instrumentation Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM363 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM363 Datasheet HTML 1Page - National Semiconductor (TI) LM363 Datasheet HTML 2Page - National Semiconductor (TI) LM363 Datasheet HTML 3Page - National Semiconductor (TI) LM363 Datasheet HTML 4Page - National Semiconductor (TI) LM363 Datasheet HTML 5Page - National Semiconductor (TI) LM363 Datasheet HTML 6Page - National Semiconductor (TI) LM363 Datasheet HTML 7Page - National Semiconductor (TI) LM363 Datasheet HTML 8Page - National Semiconductor (TI) LM363 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Typical Performance Characteristics TAe25 C
Parameter
Fixed Gain and Programmable
Units
1000500
100
10
Input Voltage Noise rms 1 kHz
12
18
90
nV SHz
Input Voltage Noise (Note 6)
04
15
10
m
Vp-p
Input Current Noise rms 1 kHz
02
02
02
pA SHz
Input Current Noise (Note 6)
40
40
40
pAp-p
Bandwidth
30
100
200
kHz
Slew Rate
1
036
024
V ms
Settling Time 01% of 10V
70
25
20
m
s
Offset Voltage Warm-Up Drift (Note 7)
5
15
50
m
V
Offset Voltage Stability (Note 8)
5
10
100
m
V
Gain Stability (Note 8)
001
0005
005
%
Note 6
Measured for 100 seconds in a 001 Hz to 10 Hz bandwidth
Note 7
Measured for 5 minutes in still air Va e15V Vbeb15V Warm-up drift is proportionally reduced at lower supply voltages
Voltage Limit
Common-Mode Input
Voltage
Supply Current vs Supply
Temperature
Input Bias Current vs
Supplies
Output Swing Referred to
Temperature
Supply Current vs
Temperature
Input Offset Current vs
TLH5609 – 3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com