Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM363 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM363
Description  LM363 Precision Instrumentation Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM363 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM363 Datasheet HTML 1Page - National Semiconductor (TI) LM363 Datasheet HTML 2Page - National Semiconductor (TI) LM363 Datasheet HTML 3Page - National Semiconductor (TI) LM363 Datasheet HTML 4Page - National Semiconductor (TI) LM363 Datasheet HTML 5Page - National Semiconductor (TI) LM363 Datasheet HTML 6Page - National Semiconductor (TI) LM363 Datasheet HTML 7Page - National Semiconductor (TI) LM363 Datasheet HTML 8Page - National Semiconductor (TI) LM363 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
TLH5609
April 1991
LM363 Precision Instrumentation Amplifier
General Description
The LM363 is a monolithic true instrumentation amplifier It
requires no external parts for fixed gains of 10 100 and
1000 High precision is attained by on-chip trimming of off-
set voltage and gain A super-beta bipolar input stage gives
very low input bias current and voltage noise extremely low
offset voltage drift and high common-mode rejection ratio
A two-stage amplifier design yields an open loop gain of
10000000 and a gain bandwidth product of 30 MHz yet
remains stable for all closed loop gains The LM363 oper-
ates with supply voltages from g5V to g18V with only
15 mA current drain
The LM363’s low voltage noise low offset voltage and off-
set voltage drift make it ideal for amplifying low-level low-
impedance transducers At the same time its low bias cur-
rent and high input impedance (both common-mode and
differential) provide excellent performance at high imped-
ance levels These features along with its ultra-high com-
mon-mode rejection allow the LM363 to be used in the
most demanding instrumentation amplifier applications re-
placing expensive hybrid module or multi-chip designs Be-
cause the LM363 is internally trimmed precision external
resistors and their associated errors are eliminated
The 16-pin dual-in-line package provides pin-strappable
gains of 10 100 or 1000 Its twin differential shield drivers
eliminate bandwidth loss due to cable capacitance Com-
pensation pins allow overcompensation to reduce band-
width and output noise or to provide greater stability with
capacitive loads Separate output force sense and refer-
ence pins permit gains between 10 and 10000 to be pro-
grammed using external resistors
On the 8-pin metal can package gain is internally set at 10
100 or 500 but may be increased with external resistors
The shield driver and offset adjust pins are omitted on the
8-pin versions
The LM363 is rated for 0 Cto70 C
Features
Y
Offset and gain pretrimmed
Y
12 nV
0Hz input noise (Ge5001000)
Y
130 dB CMRR typical (Ge5001000)
Y
2 nA bias current typical
Y
No external parts required
Y
Dual shield drivers
Y
Can be used as a high performance op amp
Y
Low supply current (15 mA typ)
Typical Connections
8-Pin Package
TLH5609 – 1
16-Pin Package
Ge10 2 3 4 open
Ge100 3–4 shorted
Ge1000 2–4 shorted
TLH5609 – 33
Connection Diagrams
Metal Can Package
16-Pin Dual-In-Line Package
TLH5609 – 2
Order Number LM363H-10
LM363H-100 or LM363H-500
See NS Package Number H08C
Order Number 363D
See NS Package Number D16C
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - LM363

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3630A TI-LM3630A Datasheet
520Kb / 45P
LM3630A High-Efficiency Dual-String White LED Driver
LM3630A TI2-LM3630A Datasheet
691Kb / 51P
LM3630A High-Efficiency Dual-String White LED Driver
REVISED OCTOBER 2015
LM3630ATME TI-LM3630ATME Datasheet
520Kb / 45P
LM3630A High-Efficiency Dual-String White LED Driver
LM3630ATME TI1-LM3630ATME Datasheet
1Mb / 51P
High-Efficiency Dual-String White LED Driver
LM3630ATME TI2-LM3630ATME Datasheet
691Kb / 51P
LM3630A High-Efficiency Dual-String White LED Driver
REVISED OCTOBER 2015
More results

Similar Description - LM363

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD624 AD-AD624 Datasheet
691Kb / 15P
Precision Instrumentation Amplifier
REV.C
logo
Burr-Brown (TI)
INA115 BURR-BROWN-INA115 Datasheet
211Kb / 11P
Precision INSTRUMENTATION AMPLIFIER
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD524SE AD-AD524SE Datasheet
614Kb / 28P
Precision Instrumentation Amplifier
Rev. F
AD620MIL AD-AD620MIL_15 Datasheet
1Mb / 4P
PRECISION INSTRUMENTATION AMPLIFIER
REV. A
AD8221 AD-AD8221_15 Datasheet
512Kb / 24P
Precision Instrumentation Amplifier
REV. C
logo
Texas Instruments
INA114 TI1-INA114 Datasheet
758Kb / 17P
Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD524 AD-AD524_16 Datasheet
519Kb / 29P
Precision Instrumentation Amplifier
Rev. F
AD624 AD-AD624_16 Datasheet
468Kb / 17P
Precision Instrumentation Amplifier
REV. C
AD8221 AD-AD8221_16 Datasheet
668Kb / 25P
Precision Instrumentation Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com