Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM363 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM363
Description  LM363 Precision Instrumentation Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM363 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM363 Datasheet HTML 1Page - National Semiconductor (TI) LM363 Datasheet HTML 2Page - National Semiconductor (TI) LM363 Datasheet HTML 3Page - National Semiconductor (TI) LM363 Datasheet HTML 4Page - National Semiconductor (TI) LM363 Datasheet HTML 5Page - National Semiconductor (TI) LM363 Datasheet HTML 6Page - National Semiconductor (TI) LM363 Datasheet HTML 7Page - National Semiconductor (TI) LM363 Datasheet HTML 8Page - National Semiconductor (TI) LM363 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Absolute Maximum Ratings (Note 5)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
g
18V
Differential Input Voltage
g
10V
Input Current
g
20 mA
Input Voltage
Equal to Supply Voltage
Reference and Sense Voltage
g
25V
Lead Temp (Soldering 10 sec)
300 C
ESD rating to be determined
LM363 Electrical Characteristics (Notes 1 and 2)
LM363
Parameter
Conditions
Tested
Design
Units
Typ
Limit
Limit
(Note 3)
(Note 4)
FIXED GAIN (8-PIN)
Input Offset Voltage
Ge500
30
150
400
m
V
Ge100
50
250
700
m
V
Ge10
05
25
6
mV
Input Offset Voltage Drift
Ge500
1
4
m
V C
Ge100
2
8
m
V C
Ge10
20
75
m
V C
Gain Error
Ge500
01
08
09
%
(g10V Swing 2 kX Load)
Ge100
007
07
08
%
Ge10
005
06
07
%
PROGRAMMABLE GAIN (16-PIN)
Input Offset Voltage
Ge1000
50
250
500
m
V
Ge100
100
450
900
m
V
Ge10
1
35
8
mV
Input Offset Voltage Drift
Ge1000
1
5
m
V C
Ge100
2
10
m
V C
Ge10
10
100
m
V C
Gain Error
Ge1000
20
30
35
%
(g10V Swing 2 kX Load)
Ge100
01
07
08
%
Ge10
06
20
23
%
FIXED GAIN AND PROGRAMMABLE
Gain Temperature Coefficient
Ge1000
40
ppm C
Ge500
20
ppm C
Ge100 10
10
ppm C
Gain Non-Linearity
Ge10 100
001
003
004
%
(g10V Swing 2 kX Load)
Ge500 1000
001
005
006
%
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com