Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM363 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM363
Description  LM363 Precision Instrumentation Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM363 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM363 Datasheet HTML 11Page - National Semiconductor (TI) LM363 Datasheet HTML 12Page - National Semiconductor (TI) LM363 Datasheet HTML 13Page - National Semiconductor (TI) LM363 Datasheet HTML 14Page - National Semiconductor (TI) LM363 Datasheet HTML 15Page - National Semiconductor (TI) LM363 Datasheet HTML 16Page - National Semiconductor (TI) LM363 Datasheet HTML 17Page - National Semiconductor (TI) LM363 Datasheet HTML 18Page - National Semiconductor (TI) LM363 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
Typical Applications
4 mA-20 mA Two Wire Current Transmitter
TLH5609 – 20
The LM329 reference provides excellent line regulation and gain stability When bridge is balanced
(IOUTe4 mA) there’s no drop across R3 and R4 so that gain and offset adjustments are non-in-
teractive The LM334 configured as a zero-TC current source supplies quiescent current to circuit
R11 provides current limiting
Design Equations
IOSe(IR6aIR7)
1aR2R1Je4mA
Gaine
D
IOUT
D
VIN
j
AV
R1
X
R2aR3aR4
R3aR4
j
10 mA
mV
when AV e LM363 voltage gain
Pick I334 e
068V
R9
a
68 mV
R10
j
38 mA
IMAX eI334 a
VZb24V
R11
e
26 mA
IBRIDGE(MAX) j I334-I363-IZ j 15mA
Precision Current Source (Low Output Current)
TLH5609 – 21
R1 e R2
IOUT e
VIN
GR1 l
VIN
l s 10V
Precision Voltage to Current Converter (Low Input Voltage)
TLH5609 – 22
R1 e R2
Req e R1
ll50 kX
IOUT e
GVIN
Req
e
GVIN
1kX
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com