Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS86 Datasheet(PDF) 6 Page - fujitsu semiconductor

Part # CS86
Description  The CS86 series of 0.18 mm standard cells is a line of CMOS ASICs based on higher integration implemented
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

CS86 Datasheet(HTML) 6 Page - fujitsu semiconductor

Back Button CS86 Datasheet HTML 2Page - fujitsu semiconductor CS86 Datasheet HTML 3Page - fujitsu semiconductor CS86 Datasheet HTML 4Page - fujitsu semiconductor CS86 Datasheet HTML 5Page - fujitsu semiconductor CS86 Datasheet HTML 6Page - fujitsu semiconductor CS86 Datasheet HTML 7Page - fujitsu semiconductor CS86 Datasheet HTML 8Page - fujitsu semiconductor CS86 Datasheet HTML 9Page - fujitsu semiconductor CS86 Datasheet HTML 10Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
CS86 Series
6
s ABSOLUTE MAXIMUM RATINGS
*1 : Internal gate part in case of single power supply or dual power supply
*2 : I/O part in case 3.3 V I/F or 2.5 V I/F is used by dual power supply.
*3 : DC current which continues more than 10 ms, or average DC current
*4 : in case of I/O cell for clock input
*5 : bps
= bit per second
• Supply pin current value for one VDD/GND pin (mA)
(a) Maximum current for one I/O*1
Tj
= +125 °C*2
(VSS
= 0 V)
Parameter
Symbol
Rating
Unit
Min
Max
Supply voltage
VDD
− 0.5
2.5 *1
V
4.0 *2
Input voltage
VI
− 0.5
VDD
+0.5 ( ≤ 2.5 V) *1
V
VDD
+0.5 ( ≤ 4.0 V) *2
Output voltage
VO
− 0.5
VDD
+0.5 ( ≤ 2.5 V) *1
V
VDD
+0.5 ( ≤ 4.0 V) *2
Storage temperature
Tst
−55
+125
°C
Junction temperature
Tj
−40
+125
°C
Output current*3
IO
±10 (3.3 VCMOS, 2.5 VCMOS)
mA
± 7.5 (1.8 VCMOS)
Input signal transmitting rate
RI
Clock input*4 : 200
Normal input : 100
Mbps*5
Output signal transmitting rate
RO
100
Mbps*5
Output load capacitance
CO
3000/RO
pF
Supply pin current
ID
See “
• Supply pin current for one VDD/GND pin (mA) “
mA
Frame
Source type
Maximum current (at standard source)
(mA)
Number of layers
YH
VDDE
68
4
VDDE
59
5
VDDE
59
6
VDDI, VDD, VSS
68
4
VDDI, VDD, VSS
93
5
VDDI, VDD, VSS
118
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com