Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS86 Datasheet(PDF) 14 Page - fujitsu semiconductor

Part # CS86
Description  The CS86 series of 0.18 mm standard cells is a line of CMOS ASICs based on higher integration implemented
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

CS86 Datasheet(HTML) 14 Page - fujitsu semiconductor

Back Button CS86 Datasheet HTML 8Page - fujitsu semiconductor CS86 Datasheet HTML 9Page - fujitsu semiconductor CS86 Datasheet HTML 10Page - fujitsu semiconductor CS86 Datasheet HTML 11Page - fujitsu semiconductor CS86 Datasheet HTML 12Page - fujitsu semiconductor CS86 Datasheet HTML 13Page - fujitsu semiconductor CS86 Datasheet HTML 14Page - fujitsu semiconductor CS86 Datasheet HTML 15Page - fujitsu semiconductor CS86 Datasheet HTML 16Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
CS86 Series
14
s INPUT/OUTPUT PIN CAPACITANCE
(Tj
= +25 °C, VDD = VI = 0 V, f = 1 MHz)
Note : Capacitance varies according to the package and the location of the pin.
s DESIGN METHOD
The integrated standard-cell design environment, SCCAD2, provided for conventional models now supports the
CS86 series. This allows you to design ASICs that operate at up to 500 MHz with up to 40 million gates and to
halve the layout design period. The Fujitsu’s tool GLOSCAD also supports the satandard cell design for CS86
series.
• Physical Synthesis
Physical Synthesis tool support is provided on a consulting business basis. A conventional style of ASIC devel-
opment has a problem that iterations between logic synthesis and layout processing are caused by wiring
congestion and the difference between actual and estimated wiring capacities. Supporting logic synthesis based
on physical information reduces such iterations and contributes to convergence of ASIC design within the
scheduled development period.
• Low Power Synthesis
The Low Power Synthesis tool is supported, which enables the use of gated clock buffers of hard macro type
incorporating sequential cells, such as latches. The use of gated clock buffers of hard macro type provides low
power consumption by the clock line. It also provides reliable operation, reduction in script complexity, and shorter
turnaround time (TAT) for processing.
• Timing Driven Layout
Performing automatic placement and wiring based on chip-level timing constraints. This prevents post-layout
timing problems from developing, which are prominent in particular in the field of deep submicron designs. In
addition, all of remaining timing errors are automatically corrected by the Fujitsu’s automatic timing correction
system. This shortens the development time from the end of creating a net list to the beginning of the prototyping
stage.
• Hierarchical Design
A top-down hierarchical design approach is taken consistently from logic design to physical design to support
larger-scale circuit integration based on deep submicron designing. This enables multiple blocks to be designed
logically and physically at the same time and timing convergence to be attained in a short period, providing a
design environment capable of easily supporting ultra-large-scale integration of circuits.
• Support for Signal Integrity
Automated power wiring enables layout satisfying the design specifications within a short period.
The power width automatic adjustment function designed taking account of internal power consumption and
clock frequencies can produce chips satisfying the current density and voltage drop restrictions without human
intervention. Also, a verification system is prepared to check the signal noise or delay penalty owing to capacitive
coupling between signal conductors and the voltage drop caused by simultaneous local switching.
Parameter
Symbol
Requirements
Unit
Input pin
CIN
Max 16
pF
Output pin
L, M, H, V type
COUT
Max 16
pF
I/O pin
L, M, H, V type
CI/O
Max 16
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com