Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS86 Datasheet(PDF) 1 Page - fujitsu semiconductor

Part # CS86
Description  The CS86 series of 0.18 mm standard cells is a line of CMOS ASICs based on higher integration implemented
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

CS86 Datasheet(HTML) 1 Page - fujitsu semiconductor

  CS86 Datasheet HTML 1Page - fujitsu semiconductor CS86 Datasheet HTML 2Page - fujitsu semiconductor CS86 Datasheet HTML 3Page - fujitsu semiconductor CS86 Datasheet HTML 4Page - fujitsu semiconductor CS86 Datasheet HTML 5Page - fujitsu semiconductor CS86 Datasheet HTML 6Page - fujitsu semiconductor CS86 Datasheet HTML 7Page - fujitsu semiconductor CS86 Datasheet HTML 8Page - fujitsu semiconductor CS86 Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DS06-20209-2E
FUJITSU SEMICONDUCTOR
DATA SHEET
Semicustom
CMOS
Standard cell
CS86 Series
s DESCRIPTION
The CS86 series of 0.18
µm standard cells is a line of CMOS ASICs based on higher integration implemented
by introducing wiring pitch reduction technology and on I/O pad placement technology to the conventional CS81
series.
The CS86 series has three types of cell sets (CS86MN, CS86MZ, and CS86ML), covering a variety of applications,
from portable devices requiring low power consumption to image processors requiring large-scale circuitry and
high speed.The three types of cell sets can be contained on one chip, allowing those system LSIs to be imple-
mented which require low power consumption as well as high-speed operation for certain types of processing.
s FEATURES
• Technology
: 0.18
µm silicon-gate CMOS, 4- to 6-layer wiring
The same chip can therefore incorporate the standard transistor cell and the ultrahigh-
speed or low-leakage process cell together.
• Supply voltage
:
+1.8 V ± 0.15 V (normal) to +1.1 V ± 0.1 V
• Junction temperature range :
−40 °C to +125 °C
• Cell set
CS86MN :
Offers standard transistor characteristics. Designed as a library for products requiring higher
throughputs.
CS86MZ :
Offers transistor characteristics for ultra high-speed operation. Designed as a library for
products that require higher processing speeds than those provided by CS86MN.
CS86ML :
Offers transistor charactersistics with less leak current. Designed as a library for mobile
devices and other products requiring lower power consumption.
• Cell Specifications :
*1 : 2 input NAND cell (low-power type) , F/O
= 2, normal load, Power supply voltage 1.8 V, Temperature = +25 °C
*2 : 2 input NAND cell (low-power type) , F/O
= 1, 4 Grid, Power supply voltage 1.8 V, Temperature = +25 °C
*3 : 2 input NAND cell (low-power type) , F/O
= 0, non load, Power supply voltage 1.8 V, Temperature = +25 °C
(Continued)
Cell set name
CS86MZ
CS86MN
CS86ML
Delay time*1
70 ps
88 ps
136 ps
Power consumption*2
42.7 nW/MHz
40.1 nW/MHz
38.3 nW/MHz
Leak power*3
3.922 nW
0.023 nW
0.0067 nW


Similar Part No. - CS86

ManufacturerPart #DatasheetDescription
logo
High Voltage Power Solu...
CS861 HVPSI-CS861 Datasheet
60Kb / 2P
MOV Modules
logo
Shenzhenshi YONGFUKANG ...
CS86189C YONGFUKANG-CS86189C Datasheet
4Mb / 16P
2X25W
logo
High Voltage Power Solu...
CS861A1 HVPSI-CS861A1 Datasheet
60Kb / 2P
MOV Modules
CS861A2 HVPSI-CS861A2 Datasheet
60Kb / 2P
MOV Modules
CS861B1 HVPSI-CS861B1 Datasheet
60Kb / 2P
MOV Modules
More results

Similar Description - CS86

ManufacturerPart #DatasheetDescription
logo
Littelfuse
CR0300SA LITTELFUSE-CR0300SA Datasheet
98Kb / 3P
The CR range of protectors are based on the proven technology of the T10 thyristor product
logo
Freescale Semiconductor...
MC812A4CPVE8 FREESCALE-MC812A4CPVE8 Datasheet
1Mb / 242P
The MC68HC812A4 microcontroller unit (MCU) is a 16-bit device composed of standard on-chip
logo
Altera Corporation
EPM240T100C4 ALTERA-EPM240T100C4 Datasheet
86Kb / 6P
The MAX II family of instant-on, non-volatile CPLDs is based on a 0.18-m
EPM570F100C5N ALTERA-EPM570F100C5N Datasheet
86Kb / 6P
The MAX II family of instant-on, non-volatile CPLDs is based on a 0.18-m,
EPM570F256C3 ALTERA-EPM570F256C3 Datasheet
86Kb / 6P
The MAX II family of instant-on, non-volatile CPLDs is based on a 0.18-m,
EPM2210GF256C5N ALTERA-EPM2210GF256C5N Datasheet
86Kb / 6P
The MAX II family of instant-on, non-volatile CPLDs is based on a 0.18-m,
logo
STMicroelectronics
STEVAL-IPC004V1 STMICROELECTRONICS-STEVAL-IPC004V1 Datasheet
413Kb / 14P
Handheld point-of-sale (POS) based on the STM32F107VC
October 2012 Rev 1
logo
Littelfuse
MLA LITTELFUSE-MLA Datasheet
897Kb / 9P
The MLA Series family of transient voltage surge suppression devices is based on the Littelfuse
logo
NXP Semiconductors
68HC05P4A NXP-68HC05P4A Datasheet
862Kb / 83P
The MC68HC05P4A is a 28-pin device based on the MC68HC05P4. The memory map includes 4160 bytes of user ROM and 176 bytes of RAM.
December 27, 1995 REV 2.0
68HC05P9A NXP-68HC05P9A Datasheet
945Kb / 90P
The MC68HC05P9A is a 28-pin device based on the MC68HC05P9. The memory map includes 2112 bytes of user ROM and 128 bytes of RAM.
December 18, 1995 REV 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com