Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS86 Datasheet(PDF) 13 Page - fujitsu semiconductor

Part # CS86
Description  The CS86 series of 0.18 mm standard cells is a line of CMOS ASICs based on higher integration implemented
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

CS86 Datasheet(HTML) 13 Page - fujitsu semiconductor

Back Button CS86 Datasheet HTML 8Page - fujitsu semiconductor CS86 Datasheet HTML 9Page - fujitsu semiconductor CS86 Datasheet HTML 10Page - fujitsu semiconductor CS86 Datasheet HTML 11Page - fujitsu semiconductor CS86 Datasheet HTML 12Page - fujitsu semiconductor CS86 Datasheet HTML 13Page - fujitsu semiconductor CS86 Datasheet HTML 14Page - fujitsu semiconductor CS86 Datasheet HTML 15Page - fujitsu semiconductor CS86 Datasheet HTML 16Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
CS86 Series
13
(2) 3.3 V
−20
VOH
−VDDE (V)
−4.0
−1.0
0.0
−40
0
−60
−80
−2.0
−3.0
Max
Min
Typ
20
VOL (V)
4.0
1.0
0.0
40
0
60
80
3.0
2.0
Max
Min
Typ
−60
VOH
−VDDE (V)
−2.0
−1.0
0.0
−20
0
−80
−40
−3.0
−4.0
−100
−120
Max
Min
Typ
20
VOL (V)
4.0
1.0
0.0
40
0
60
80
100
120
Min
Typ
Max
2.0
3.0
Conditions
Min : Process
= Slow, Tj = +125 °C, VDDE = 3.0 V
Typ : Process
= Typical, Tj = +25 °C, VDDE = 3.3 V
Max : Process
= Fast, Tj = −40 °C, VDDE = 3.6 V
3.3 V CMOS “H” level output
(L, M type)
3.3 V CMOS “L” level output
(L, M type)
3.3 V CMOS “H” level output
(H, V type)
3.3 V CMOS “L” level output
(H, V type)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com