Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS86 Datasheet(PDF) 3 Page - fujitsu semiconductor

Part # CS86
Description  The CS86 series of 0.18 mm standard cells is a line of CMOS ASICs based on higher integration implemented
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

CS86 Datasheet(HTML) 3 Page - fujitsu semiconductor

  CS86 Datasheet HTML 1Page - fujitsu semiconductor CS86 Datasheet HTML 2Page - fujitsu semiconductor CS86 Datasheet HTML 3Page - fujitsu semiconductor CS86 Datasheet HTML 4Page - fujitsu semiconductor CS86 Datasheet HTML 5Page - fujitsu semiconductor CS86 Datasheet HTML 6Page - fujitsu semiconductor CS86 Datasheet HTML 7Page - fujitsu semiconductor CS86 Datasheet HTML 8Page - fujitsu semiconductor CS86 Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
CS86 Series
3
s MACRO LIBRARY (Including macros being prepared)
1.
Logic cells
2.
IP macro
• Adder
• AND-OR
• AND-OR Inverter
• Decoder
• Clock Buffer
• NON-Scan Flip Flop
• Latch
• Inverter
• NAND
• Buffer
• AND
• OR-AND Inverter
• NOR
• OR
• OR-AND
• Delay Buffer
• Scan Flip Flop
• Selector
• ENOR
• EOR
• Boundary Scan Register
• Dummy Clock Buffer
• Bus Driver
• Others
CPU
FR-V, ARM9, and others.
DSP
Communications DSP, DSP for Digital AV, and others.
Peripheral Macro
Interval timer, Interruption controller, DMA controller, RTC, Calender,
UART, and others.
Interface macro
PCI, IEEE1394, USB 2.0, IrDA, and others.
Multimedia processing macros
JPEG, MPEG 4.0, and others.
Mixed signal macros
ADC, DAC, OPAMP, and others.
Compiled macros
RAM (1 port, 2 port) , ROM, Delay Line, Register file, and others.
PLL
Analog PLL
I/O macro
Compatible with various interface levels between 1.1 V and 5 V;
SSTL2, PCI, P-CML, T-LVTTL, USB, IEEE1394, and others.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com