Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS86 Datasheet(PDF) 7 Page - fujitsu semiconductor

Part # CS86
Description  The CS86 series of 0.18 mm standard cells is a line of CMOS ASICs based on higher integration implemented
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

CS86 Datasheet(HTML) 7 Page - fujitsu semiconductor

Back Button CS86 Datasheet HTML 3Page - fujitsu semiconductor CS86 Datasheet HTML 4Page - fujitsu semiconductor CS86 Datasheet HTML 5Page - fujitsu semiconductor CS86 Datasheet HTML 6Page - fujitsu semiconductor CS86 Datasheet HTML 7Page - fujitsu semiconductor CS86 Datasheet HTML 8Page - fujitsu semiconductor CS86 Datasheet HTML 9Page - fujitsu semiconductor CS86 Datasheet HTML 10Page - fujitsu semiconductor CS86 Datasheet HTML 11Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
CS86 Series
7
(b) Current value that one I/O can provide to the core
Tj
= +125
°C*2
*1 : Maximum current for one I/O includes the supply current to the I/O part and the core part.
*2 : The current values change according to the junction temperature. When the junction temperature is not
+125°C,
multiply the value by the following coefficients.
Tj = +111
°C to +125°C : 1.0
Tj = + 91
°C to +110°C : 1.4
Tj =
+ 90
°C : 2.8
Note : How to calculate the number of required supply pins
In case of a frame with 6-layer wiring (2 power supplies)
• Maximum current for one VDD/GND pin
VDDE
= 59 mA/pin calucurated using the value in “(a) Maximum supply pin current for one I/O”
VDDI
= VSS = 59 mA/pin calucurated using the value in “(b) Current value that one I/O can provide to the core”
• Needed supply pin count (internal power supply/external power supply/VSS) : Ni/Ne/Ns
DC internal maximum power-supply current : Iimax, DC external maximum power-supply current : Iemax
Ni
= Iimax/59mA, Ne = Iemax/59mA, Ns = Iimax/59mA + Iemax/59mA
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current,
temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
Frame
Source type
Maximum current (at standard source) (mA)
Number of layers
YH
VDDI, VDD, VSS
34
4
VDDI, VDD, VSS
34
5
VDDI, VDD, VSS
59
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com