Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS86 Datasheet(PDF) 10 Page - fujitsu semiconductor

Part # CS86
Description  The CS86 series of 0.18 mm standard cells is a line of CMOS ASICs based on higher integration implemented
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

CS86 Datasheet(HTML) 10 Page - fujitsu semiconductor

Back Button CS86 Datasheet HTML 6Page - fujitsu semiconductor CS86 Datasheet HTML 7Page - fujitsu semiconductor CS86 Datasheet HTML 8Page - fujitsu semiconductor CS86 Datasheet HTML 9Page - fujitsu semiconductor CS86 Datasheet HTML 10Page - fujitsu semiconductor CS86 Datasheet HTML 11Page - fujitsu semiconductor CS86 Datasheet HTML 12Page - fujitsu semiconductor CS86 Datasheet HTML 13Page - fujitsu semiconductor CS86 Datasheet HTML 14Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
CS86 Series
10
s ELECTRICAL CHARACTERISTICS
1.
DC characteristics
• Single power supply : VDD
= 1.8 V standard
* : Refer to “ (1) 1.8 V” in sV-I CHARACTERISTICS.
• Dual power supply : VDDE
= 3.3 V, VDDI = 1.8 V/1.5 V/1.1 V
*1 : Refer to “ (2) 3.3 V” in sV-I CHARACTERISTICS.
*2 : Refer to “ (1) 1.8 V” in sV-I CHARACTERISTICS.
(VDD
= 1.8 V ± 0.15 V, VSS = 0 V, Tj = −40 °C to +125 °C)
Parameter
Symbol
Conditions
Value
Unit
Min
Typ
Max
“H” level output voltage
VOH
IOH
= −100 µAVDD−0.2
VDD
V
“L” level output voltage
VOL
IOL
= 100 µA0
0.2
V
“H” level output V-I
characteristics
1.8 V VDD
= 1.8 V±0.15 V
*
“L” level output V-I
characteristics
1.8 V VDD
= 1.8 V±0.15 V
*
Input leakage current
IL

±5
µA
Pull up/Pull down
resistance
RP
Pull up VIL
= 0,
Pull down VIH
= VDD
818
40
k
Ω
(VDDE
= 3.3 V±0.3 V/VDDI = 1.8 V ± 0.15 V, VDDI = 1.5 V ± 0.1 V, VDDI = 1.1 V ± 0.1 V,
VSS
= 0 V, Tj = −40 °C to +125 °C)
Parameter
Symbol
Conditions
Value
Unit
Min
Typ
Max
“H” level output voltage
VOH4
3.3 V Output IOH
= −100 µAVDDE−0.2
VDDE
V
VOH2
1.8 V Output IOH
= −100 µAVDDI−0.2
VDDI
“L” level output voltage
VOL4
3.3 V Output IOL
= 100 µA0
0.2
V
VOL2
1.8 V Output IOL
= 100 µA0
0.2
“H” level output V-I
characteristics
3.3 V VDDE
= 3.3 V±0.3 V
*1
1.8 V VDDI
= 1.8 V±0.15 V
*2
“L” level output V-I
characteristics
3.3 V VDDE
= 3.3 V±0.3 V
*1
1.8 V VDDI
= 1.8 V±0.15 V
*2
Input leakage current
IL

±5
µA
Pull up/Pull down
resistance
RP
3.3 V
Pull up VIL
= 0,
Pull down VIH
= VDDI
10
33
80
k
Ω
1.8 V
Pull up VIL
= 0,
Pull down VIH
= VDDI
818
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com