Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF3 Datasheet(PDF) 8 Page - Hirose Electric

Part # DF3
Description  2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF3 Datasheet(HTML) 8 Page - Hirose Electric

Back Button DF3 Datasheet HTML 4Page - Hirose Electric DF3 Datasheet HTML 5Page - Hirose Electric DF3 Datasheet HTML 6Page - Hirose Electric DF3 Datasheet HTML 7Page - Hirose Electric DF3 Datasheet HTML 8Page - Hirose Electric DF3 Datasheet HTML 9Page - Hirose Electric DF3 Datasheet HTML 10Page - Hirose Electric DF3 Datasheet HTML 11Page - Hirose Electric DF3 Datasheet HTML 12Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
B214
DF3 Series
●2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
BPCB mounting pattern
■Right Angle Pin Header (SMT)
Note1 : Please order the emboss packaging product by the reel number. (1reel : 1000pcs.)
[Specific No.] (
* *), * *
(21)
: Tin plated embossed packaging
(51)
: Gold plated embossded packaging
Unit : mm
Part No.
DF3EA-2P-2H(**)
DF3EA-3P-2H(**)
DF3EA-4P-2H(**)
DF3EA-5P-2H(**)
DF3EA-6P-2H(**)
DF3EA-7P-2H(**)
DF3EA-8P-2H(**)
DF3EA-9P-2H(**)
DF3EA-10P-2H(**)
DF3EA-11P-2H(**)
DF3EA-12P-2H(**)
DF3EA-13P-2H(**)
DF3EA-14P-2H(**)
DF3EA-15P-2H(**)
HRS No.
543-0329-0 **
543-0330-0 **
543-0331-0 **
543-0332-0 **
543-0333-0 **
543-0334-0 **
543-0335-0 **
543-0336-0 **
543-0337-0 **
543-0338-0 **
543-0339-0 **
543-0340-0 **
543-0341-0 **
543-0342-0 **
No. of Contacts
2
3
4
5
6
7
8
9
10
11
12
13
14
15
A
02
04
06
08
10
12
14
16
18
20
22
24
26
28
B
08.5
10.5
12.5
14.5
16.5
18.5
20.5
22.5
24.5
26.5
28.5
30.5
32.5
34.5
RoHS
YES
C
08.74
10.74
12.74
14.74
16.74
18.74
20.74
22.74
24.74
26.74
28.74
30.74
32.74
34.74
*
Number of Contacts
※
*
Cavity No.
(0.7)
B
P=2
A
1.5
Cavity No.
HRS marking
HRS marking
Configuration of 2 to 6 position



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com