Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF3 Datasheet(PDF) 3 Page - Hirose Electric

Part # DF3
Description  2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF3 Datasheet(HTML) 3 Page - Hirose Electric

  DF3 Datasheet HTML 1Page - Hirose Electric DF3 Datasheet HTML 2Page - Hirose Electric DF3 Datasheet HTML 3Page - Hirose Electric DF3 Datasheet HTML 4Page - Hirose Electric DF3 Datasheet HTML 5Page - Hirose Electric DF3 Datasheet HTML 6Page - Hirose Electric DF3 Datasheet HTML 7Page - Hirose Electric DF3 Datasheet HTML 8Page - Hirose Electric DF3 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
B209
DF3 Series
●2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3 - EP2428PCFA
q
r
e
w
q Contact Type
Blank : For socket
EP
: For in-line plug
w Applicable Wire Size
22
: 22 AWG
2428 : 24 to 28 AWG
e Contact Type/Packaging Type
SCF
: Socket contact, Reel
SC
: Socket contact, Pack
PCF
: Plug contact, Reel
PC
: Plug contact, Pack
r Plating Type
Blank
: Tin plated
A
: Gold plated (Plug contact)
C
: Gold plated (Socket contact)
●Contact
■Application pattern
DF3 -
* S - 2C
qe
wr t
q Series Name
: DF3, 3A, 3AA, 3EA
w Number of Contacts : 2~15
e Connector Type
S
: Socket
P
: Pin Header
EP
: In-line Plug
r Contact Pitch
: 2mm
t Connection Form/Contact Style
C
: Crimp socket
R26 : ID socket for 26AWG
R28 : ID socket for 28AWG
DSA : Straight through hole
DS : Right angle through hole
V
: Straight SMT
H
: Right angle SMT
A
: Adapter
●Connector
■Product Number Structure
Refer to the chart below when determining the product specifications from the product number.
Please select from the product numbers listed in this catalog when placing orders.
DF3-※S-2R##(**)
DF3(A)-※P-2DSA(**)
DF3(A)-※P-2DSA(**)
DF3(A)-※P-2DSA(**)
DF3(A)-※P-2DS(**)
DF3-※S-2DSA(**)
DF3-※S-2R##(**)
DF3-※S-2C
DF3AA-※EP-2C
DF3AA-※EP-2C
DF3EA-※P-2V(**)
DF3EA-※P-2H(**)
DF3EA-πP-2H(**)
DF3(A)-※P-2DS(**)
DF3(A)-※P-2DS(**)
DF3-※S-2C
DF3EA-πP-2H(**)
DF3EA-πP-2V(**)
DF3EA-πP-2V(**)
Panel
Panel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com