Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF3 Datasheet(PDF) 2 Page - Hirose Electric

Part # DF3
Description  2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF3 Datasheet(HTML) 2 Page - Hirose Electric

  DF3 Datasheet HTML 1Page - Hirose Electric DF3 Datasheet HTML 2Page - Hirose Electric DF3 Datasheet HTML 3Page - Hirose Electric DF3 Datasheet HTML 4Page - Hirose Electric DF3 Datasheet HTML 5Page - Hirose Electric DF3 Datasheet HTML 6Page - Hirose Electric DF3 Datasheet HTML 7Page - Hirose Electric DF3 Datasheet HTML 8Page - Hirose Electric DF3 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
B208
DF3 Series
●2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
Rating
Current rating
Note 1
Crimping
IDC
Voltage rating
Crimping
IDC
Wire size
Wire size
250V AC
22 to 24 AWG : 3A
26 AWG
: 2A
28 AWG
: 1A
26, 28AWG :1A
100V AC
Operating Temperature Range
Operating Humidity Range
Storage Temperature Range
Storage Humidity Range
-55
ç to +105ç (Note 2)
40% to 80%
(Note 3)
-10
ç to +60ç (Note 4)
40% to 70%
(Note 4)
■UL CSA Safety Standard File No.
UL
: E52653
CSA
: LR95109
Rated Current
Rated Voltage
UL-CSA Safety Standard and Approved specification
30V AC
24 AWG : 3A
Wire size
26 AWG : 2A
(Note 5)
28 AWG : 1A
Rating
Item
Specification
Condition
1. Insulation Resistance
1000M
ø min.
500V DC
2. Withstanding voltage
No flashover or insulation breakdown.
650V AC, 1 minute
3. Contact Resistance
30m
ø max
100mA
4. Single Insertor/Extraction Force 0.3N(30gf)min, 4.4N(450gf)max.
Measure by the square steel pin with 0.5
±0.002mm
5. Vibration
No electrical discontinuity of 1μs or more
Frequency : 10 to 55 Hz, single amplitude of 0.75 mm, 2 hours in each of the 3 directions.
6.
Humidity (Steady state) Contact resistance : 30mø max. Insulation resistance : 500Mø min.
96 hours at temperature of 40ç and humidity of 90% to 95%
7. Temperature Cycle
Contact resistance : 30m
ø max. Insulation resistance :1000Mø min. (-55ç : 30 minutes 5 to 35ç: 10 minutes 85ç: 30 minutes 5 to 35ç: 10minutes) 5 cycles
8. Durability (Mating/un-mating) Contact resistance : 30m
ø max.
Tin plating : 30 cycles Gold plating: 50 cycles
9. Resistance to Soldering Heat
No deformation of components affecting performance.
THT type
Flow : 260ç for 10 seconds
Manual soldering : 300ç for 2 seconds
SMT type
Reflow : At the recommended temperature profile Manual soldering : 300ç for 3 seconds
Note 1 : Current rating of header is 3A.
Note 2 : Includes temperature rise caused by current flow.
Apply to crimping contact type. Maximum operating temperature for IDC and receptacle type is 85ç.
Note 3 : Please use under conditions with no condensation occurred.
Note 4 : The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature Range and
Humidity range covers non conducting condition of installed connectors in storage, shipment or during transportation.
Note 5 : Apply to crimping contact type. The IDC type's rated current is 1A.
■Product Specifications
■Materials / Finish
Product
Part
Material
Finish
Remarks
Crimping Socket
Insulator
Polyamide
Black
UL94V-0
IDC Contact for Socket
Contact
Phosphor bronze
Tin plated or gold plated
–––––––
ID Socket
Insulator
Polyamide
Black
UL94V-0
Contact
Phosphor bronze
Tin plated or gold plated
–––––––
Receptacle
Insulator
Polyamide
Black
UL94V-0
Contact
Phosphor bronze
Tin plated or gold plated
–––––––
Pin Header
Insulator
Polyamide
Black
UL94V-0
Contact
Brass
Tin plated or gold plated
–––––––
Insulator
Polyamide
Beige
UL94V-0
SMT Pin Header
Contact
Brass
Tin plated or gold plated
–––––––
Metal tab
Brass
Tin plated
–––––––
In-line Plug
Insulator
Polyamide
Black
UL94V-0
In-line IDC Contact
Contact
Phosphor bronze
Tin plated or gold plated
–––––––
In-line Adapter
Insulator
Polyamide
Black
UL94V-0
Contact
Brass
Tin plated
–––––––



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com