Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF3 Datasheet(PDF) 12 Page - Hirose Electric

Part # DF3
Description  2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF3 Datasheet(HTML) 12 Page - Hirose Electric

Back Button DF3 Datasheet HTML 6Page - Hirose Electric DF3 Datasheet HTML 7Page - Hirose Electric DF3 Datasheet HTML 8Page - Hirose Electric DF3 Datasheet HTML 9Page - Hirose Electric DF3 Datasheet HTML 10Page - Hirose Electric DF3 Datasheet HTML 11Page - Hirose Electric DF3 Datasheet HTML 12Page - Hirose Electric DF3 Datasheet HTML 13Page - Hirose Electric DF3 Datasheet HTML 14Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
B218
DF3 Series
●2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
■ Crimped contacts with cable assemblies
Part No.
DF3-2428SF1007-24A9-300
DF3-2428SFC1007-24A9-300
DF3-2428PF1007-24A9-300
DF3-2428PFA1007-24A9-300
HRS No.
543-9001-0 00
Under development
Under development
Under development
Packaging
100pcs/pack
100pcs/pack
100pcs/pack
100pcs/pack
Finish
Tin plated
Gold plated
Tin plated
Gold plated
Note1 : Bag packaging (100pcs/pack). Order by number of packs.
Note2 : Please contact our sales representative when using the other specifications.
Applicable wire size
24
:24 AWG
Crimped condition / Terminal treatment
A
:Both-end crimped
B
:Single-end crimped / Without terminal treatment
S
:Single-end crimped / With terminal treatment
Terminal treatment : Stripped jacket
Wire color
9
:White
0
:Black
Wire length
300
:300mm
Part No.
DF3-2428SF
:DF3-2428SCF
DF3-2428SFC
:DF3-2428SCFC
DF3-2428PF
:DF3-EP2428PCF
DF3-2428PFA
:DF3-EP2428PCFA
Wire Type
1007
:UL1007
DF3-2428SF 1007 - 24 A 9 - 300
1
2
3
4
5
6
1
2
3
4
5
6
■Product Number Structure
Refer to the chart below when determining the product specifications from the product number.
Please select from the product numbers listed in this catalog when placing orders.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com