Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF3 Datasheet(PDF) 14 Page - Hirose Electric

Part # DF3
Description  2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF3 Datasheet(HTML) 14 Page - Hirose Electric

Back Button DF3 Datasheet HTML 6Page - Hirose Electric DF3 Datasheet HTML 7Page - Hirose Electric DF3 Datasheet HTML 8Page - Hirose Electric DF3 Datasheet HTML 9Page - Hirose Electric DF3 Datasheet HTML 10Page - Hirose Electric DF3 Datasheet HTML 11Page - Hirose Electric DF3 Datasheet HTML 12Page - Hirose Electric DF3 Datasheet HTML 13Page - Hirose Electric DF3 Datasheet HTML 14Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
TIME (sec)
180
℃
100
150
200
250
230
℃
PRE-HEATING TIME
SOLDERING TIME
MAX 250
℃
90 – 120sec
60secMAX
10secMAX
0
B220
DF3 Series
●2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
1. Recommended Temperature Profile (SMT)
2. Recommended Manual Soldering Condition (SMT)
3. Recommended Screen Thickness (SMT)
4. Board Warpage (SMT)
5. Recommended Soldering Condition (DIP)
6. Cleaning Condition
7. Connection Condition
8. Precations
[Applicable Conditions]
1.Peak temperature : a maximum of 250
ç for no more than 10 seconds
2.Heating unit : no less than 230
ç for no more than 60 seconds
3.Preheating unit : 150 to 180
ç for 90 to 120 seconds
4.Number of times : no more than 2 times
* Measurement is conducted at the contact lead part
As it may change depending on the conditions such as solder paste types,
manufacturers, PCB size, and other soldering materials, please fully check
the mounting conditions before use.
(Note 1) This temperature profile is a recommended value.
Soldering iron temperature : 290
±10ç, Soldering time: Within 3 seconds
0.15
to 0.2mm
Based on both connector edges, 0.03mm max. in the connector center portion
■Flow Condition with Automatic Soldering Tool. Soldering temperature : 250±5ç, Soldering time : Within 10 seconds
■Manual Soldering Condition. Soldering iron temperature : 290±10ç, Soldering time : Within 2 seconds
Refer to the "Wire-to-Board Connector Use Hand book".
IPA cleaning is allowed. (Cleaning is not recommended because cleaning may change the
push/pull feeling etc. Please contact us when you use other cleaning agents. )
Refer to the "Wire-to-Board Connector Use Hand book".
Refer to the "Wire-to-Board Connector Use Hand book".
BPrecautions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com