Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF3 Datasheet(PDF) 11 Page - Hirose Electric

Part # DF3
Description  2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF3 Datasheet(HTML) 11 Page - Hirose Electric

Back Button DF3 Datasheet HTML 6Page - Hirose Electric DF3 Datasheet HTML 7Page - Hirose Electric DF3 Datasheet HTML 8Page - Hirose Electric DF3 Datasheet HTML 9Page - Hirose Electric DF3 Datasheet HTML 10Page - Hirose Electric DF3 Datasheet HTML 11Page - Hirose Electric DF3 Datasheet HTML 12Page - Hirose Electric DF3 Datasheet HTML 13Page - Hirose Electric DF3 Datasheet HTML 14Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
B217
DF3 Series
●2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
■Crimping Contact for Socket
■Crimping Contact for In-line Plug
Note1 : If any trouble has occurred due to tools other than designated tool, Hirose bears no respoisibility for any trouble.
Note2 : Please follow the "Crimping quality standards" and "Table of crimping condition" when crimping contacts.
BApplicable Crimping Tool
Part No.
Type
HRS No.
AP105-DF3-2428S
AP105-DF3-22S
AP105-DF3-EP2428P
CM-105C
DF3-TA2428HC
DF3EP-TA2428HC
DF3-TA22HC
DF-C-PO (A)
Applicator
Press Unit
Hand Crimping Tool
Extraction Tool
901-4503-3
901-4549-4
901-4508-7
901-0001-0
550-0164-5
550-0184-2
550-0257-4
550-0170-8
DF3-2428SCF/SCFC
DF3-22SCF/SCFC
DF3-EP2428PCF/PCFA
–––––––––––––––––––
DF3-2428SC/SCC
DF3-EP2428PC/PCA
DF3-22SC/SCFC
DF3-
****SC(F)(C)
DF3-EP
****PC(F)(A)
Applicable Contact
Part No.
DF3-22SCF
DF3-22SC
DF3-22SCFC
DF3-22SCC
DF3-2428SCF
DF3-2428SC
DF3-2428SCFC
DF3-2428SCC
HRS No.
543-0235-3
543-0236-6
543-0861-0
543-0862-3
543-0001-2
543-0002-5
543-0046-0
543-0047-3
ULstyle
1061
1061
1061
1061
1007
1061
1007
1007
1061
1007
Jacket Diameter
1.2-1.5
1.3
1.2-1.5
1.3
0.75 to 1.5
1.5
1.3
1.2
0.75 to 1.5
1.5
1.3
1.2
Wire Size
22 AWG
22 AWG
22 AWG
22 AWG
24 AWG
26 AWG
28 AWG
24 AWG
26 AWG
28 AWG
24 AWG
26 AWG
28 AWG
24 AWG
26 AWG
28 AWG
Stranded Wire Conductor
17/0.16
17/0.16
17/0.16
17/0.16
11/0.16
7/0.16
7/0.127
11/0.16
7/0.16
7/0.127
11/0.16
7/0.16
7/0.127
11/0.16
7/0.16
7/0.127
Packaging
10,000/reel
100/pack
10,000/reel
100/pack
10,000/reel
100/pack
10,000/reel
100/pack
Finish
Tin plated
Gold plated
Tin plated
Gold plated
RoHS
Applicable Cable
YES
Note1 : Crimping contact Extraction Tool DF-C-PO(A)
Note2 : Applicable wire with tin plated solid soft conductor.
Note3 : When using other than the recommended wire, contact your nearest Hirose
representative.
Part No.
DF3-EP2428PCF
DF3-EP2428PC
DF3-EP2428PCFA
DF3-EP2428PCA
HRS No.
543-0062-7
543-0063-0
543-0149-3
543-0150-2
ULstyle
1007
1061
1007
1007
1061
1007
Jacket Diameter
0.75
to 1.5
1.5
1.3
1.2
0.75
to 1.5
1.5
1.3
1.2
Wire Size
24 AWG
26 AWG
28 AWG
24 AWG
26 AWG
28 AWG
24 AWG
26 AWG
28 AWG
24 AWG
26 AWG
28 AWG
Stranded Wire Conductor
11/0.16
7/0.16
7/0.127
11/0.16
7/0.16
7/0.127
11/0.16
7/0.16
7/0.127
11/0.16
7/0.16
7/0.127
Packaging
10,000/reel
100/pack
10,000/reel
100/pack
Finish
Tin plated
Gold plated
RoHS
Applicable Cable
YES
Note1 : Crimping contact Extraction Tool DF-C-PO(B)
Note2 : Applicable wire with tin plated solid soft conductor.
Note3 : When using other than the recommended wire, contact your nearest Hirose
representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com