Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF3 Datasheet(PDF) 13 Page - Hirose Electric

Part # DF3
Description  2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF3 Datasheet(HTML) 13 Page - Hirose Electric

Back Button DF3 Datasheet HTML 6Page - Hirose Electric DF3 Datasheet HTML 7Page - Hirose Electric DF3 Datasheet HTML 8Page - Hirose Electric DF3 Datasheet HTML 9Page - Hirose Electric DF3 Datasheet HTML 10Page - Hirose Electric DF3 Datasheet HTML 11Page - Hirose Electric DF3 Datasheet HTML 12Page - Hirose Electric DF3 Datasheet HTML 13Page - Hirose Electric DF3 Datasheet HTML 14Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
B219
DF3 Series
●2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
Unit : mm
Product Type
Size
No. of Contacts
A
B
C
D
DF3EA-*P-2V(**)
2 to 4
5 to 7
8 to 10
11 to 15
24.0
32.0
44.0
56.0
–––
28.4
40.4
52.4
11.5
14.2
20.2
26.2
24.4
32.4
44.4
56.4
Unit : mm
Product Type
Size
No. of Contacts
A
B
C
D
DF3EA-*P-2H(**)
2 to 4
5 to 7
8 to 10
11 to 15
24.0
32.0
44.0
56.0
–––
28.4
40.4
52.4
11.5
14.2
20.2
26.2
24.4
32.4
44.4
56.4
●Straight Pin Header
BEmbossed Carrier Tape Dimensions
1.5
+0.1
0
E-E
E
E
12
±0.1
2
±0.1
4
±0.1
0.4
±0.1
6.4
±0.3
1.5
±0.3
Unreeling direction
φ21±0.8
D
+2
0
(D+6)MAX
2
±0.5
0
Carrier hole
(Ø1.5
) far side
+0.1
●Right Angle Pin Header
2±0.1
12±0.1
4±0.1
Ø1.5
R0.75
+0.1
0
1.5
+0.1
0
E
E–E
0.4±0.1
6.1±0.3
1.6±0.3
E
Unreeling direction
0
Ø13±0.2
(D+6)MAX
2±0.5
Carrier hole
(Ø1.5
) far side
+0.1
D
+2
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com