Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R22 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT46R22
Description  8-Bit A/D Type MCU
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R22 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT46R22 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R22 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R22 Datasheet HTML 9Page - Holtek Semiconductor Inc HT46R22 Datasheet HTML 10Page - Holtek Semiconductor Inc HT46R22 Datasheet HTML 11Page - Holtek Semiconductor Inc HT46R22 Datasheet HTML 12Page - Holtek Semiconductor Inc HT46R22 Datasheet HTML 13Page - Holtek Semiconductor Inc HT46R22 Datasheet HTML 14Page - Holtek Semiconductor Inc HT46R22 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
HT46R22/HT46C22
Rev. 1.10
11
October 2, 2002
It is recommended that a program does not use the
²CALL subroutine² within the interrupt subroutine. In-
terrupts often occur in an unpredictable manner or
need to be serviced immediately in some applications.
If only one stack is left and enabling the interrupt is not
well controlled, the original control sequence will be dam-
aged once the
²CALL² operates in the interrupt subrou-
tine.
Oscillator configuration
There are two oscillator circuits in the microcontroller.
Both are designed for system clocks, namely the RC os-
cillator and the Crystal oscillator, which are determined
by the options. No matter what oscillator type is se-
lected, the signal provides the system clock. The HALT
mode stops the system oscillator and ignores an exter-
nal signal to conserve power.
If an RC oscillator is used, an external resistor between
OSC1 and VSS is required and the resistance must
range from 30k
W to 750kW. The system clock, divided
by 4, is available on OSC2, which can be used to syn-
chronize external logic. The RC oscillator provides the
most cost effective solution. However, the frequency of
oscillation may vary with VDD, temperatures and the
chip itself due to process variations. It is, therefore, not
suitable for timing sensitive operations where an accu-
rate oscillator frequency is desired.
If the Crystal oscillator is used, a crystal across OSC1
and OSC2 is needed to provide the feedback and phase
shift required for the oscillator, and no other external
components are required. Instead of a crystal, a resona-
tor can also be connected between OSC1 and OSC2 to
get a frequency reference, but two external capacitors in
OSC1 and OSC2 are required (If the oscillating fre-
quency is less than 1MHz).
The WDT oscillator is a free running on-chip RC oscillator,
and no external components are required. Even if the sys-
tem enters the power down mode, the system clock is
stopped, but the WDT oscillator still works with a period of
approximately 65
ms/5V. The WDT oscillator can be dis-
abled by options to conserve power.
Watchdog Timer
- WDT
The clock source of the WDT is implemented by an dedi-
cated RC oscillator (WDT oscillator) or instruction clock
(system clock divided by 4) decided by options. This
timer is designed to prevent a software malfunction or
sequence jumping to an unknown location with unpre-
dictable results. The watchdog Timer can be disabled by
an option. If the watchdog Timer is disabled, all the exe-
cutions related to the WDT result in no operation.
Once an internal WDT oscillator (RC oscillator with pe-
riod 65
ms normally) is selected, it is divided by 212~215
(by option to get the WDT time-out period). The mini-
mum period of WDT time-out period is about
300ms~600ms. This time-out period may vary with tem-
perature, VDD and process variations. By selection the
WDT options, longer time-out periods can be realized. If
the WDT time-out is selected 2
15, the maximum time-out
period is divided by 2
15~216about 2.3s~4.7s.
If the WDT oscillator is disabled, the WDT clock may still
come from the instruction clock and operate in the same
manner except that in the halt state the WDT may stop
counting and lose its protecting purpose. In this situation
the logic can only be restarted by external logic. If the
device operates in a noisy environment, using the
on-chip RC oscillator (WDT OSC) is strongly recom-
mended, since the HALT will stop the system clock.
The WDT overflow under normal operation will initialize
²chip reset² and set the status bit TO. Whereas in the
HALT mode, the overflow will initialize a
²warm reset² only
the PC and SP are reset to 0. To clear the contents of
WDT, three methods are adopted; external reset (a low
level to RES), software instructions, or a HALT instruction.
The software instructions include CLR WDT and the other
set
- CLR WDT1 and CLR WDT2. Of these two types of
instruction, only one can be active depending on the op-
C r y s t a l O s c i l l a t o r
R C O s c i l l a t o r
O S C 1
O S C 2
N M O S O p e n D r a i n
O S C 2
f S Y S / 4
O S C 1
V D D
System oscillator
f S / 2 8
S y s t e m C l o c k / 4
D i v i d e r
W D T P r e s c a l e r
M a s k O p t i o n
O p t i o n
S e l e c t
W D T
O S C
f S
C K
R
T
C K
R
T
T i m e - o u t R e s e t
f S / 2
~ f S / 2
f S / 2
~ f S / 2
f S / 2
~ f S / 2
f S / 2
~ f S / 2
1 5
1 6
W D T C l e a r
1 4
1 5
1 3
1 4
1 2
1 3
Watchdog Timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com