Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R22 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT46R22
Description  8-Bit A/D Type MCU
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R22 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT46R22 Datasheet HTML 1Page - Holtek Semiconductor Inc HT46R22 Datasheet HTML 2Page - Holtek Semiconductor Inc HT46R22 Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R22 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R22 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R22 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R22 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R22 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R22 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
HT46R22/HT46C22
8-Bit A/D Type MCU
I
2C is a trademark of Philips Semiconductors
Rev. 1.10
1
October 2, 2002
General Description
The device is an 8-bit high performance RISC-like
microcontroller designed for multiple I/O product appli-
cations. It is particularly suitable for use in products
such as washing machine controllers and home appli-
ances. A HALT feature is included to reduce power con-
sumption.
Features
· Operating voltage:
fSYS=4MHz: 2.2V~5.5V
fSYS=8MHz: 4.5V~5.5V
· 19 bidirectional I/O lines (max.)
· 1 interrupt input shared with an I/O line
· 8-bit programmable timer/event counter with over-
flow interrupt and 7-stage prescaler
· On-chip crystal and RC oscillator
· Watchdog Timer
· 2048´14 program memory ROM
· 64´8 data memory RAM
· Supports PFD for sound generation
· HALT function and wake-up feature reduce power
consumption
· Up to 0.5ms instruction cycle with 8MHz system clock
at VDD=5V
· 6-level subroutine nesting
· 8 channels 9-bit resolution (8-bit accuracy) A/D con-
verter
· 1-channel (6+2)/(7+1)-bit PWM output shared with
two I/O lines
· Bit manipulation instruction
· 14-bit table read instruction
· 63 powerful instructions
· All instructions in one or two machine cycles
· Low voltage reset function
· I2C BUS (slave mode)
· 24-pin SKDIP/SOP package


Similar Part No. - HT46R22

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R23 HOLTEK-HT46R23 Datasheet
1Mb / 42P
8-Bit OTP Microcontroller
August 17, 2001
HT46R23 HOLTEK-HT46R23 Datasheet
348Kb / 48P
A/D Type 8-Bit MCU
May 3, 2004
HT46R232 HOLTEK-HT46R232 Datasheet
434Kb / 50P
A/D Type 8-Bit MCU
November 23, 2005
HT46R24 HOLTEK-HT46R24 Datasheet
393Kb / 49P
A/D Type 8-Bit MCU
May 3, 2004
HT46R24 HOLTEK-HT46R24 Datasheet
403Kb / 51P
A/D Type 8-Bit MCU
March 2, 2006
More results

Similar Description - HT46R22

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46C24 HOLTEK-HT46C24 Datasheet
393Kb / 49P
A/D Type 8-Bit MCU
May 3, 2004
HT46C47 HOLTEK-HT46C47 Datasheet
264Kb / 39P
A/D Type 8-Bit MCU
May 3, 2004
logo
Taiwan Memory Technolog...
T81L0006A TMT-T81L0006A Datasheet
147Kb / 21P
8-bit A/D Type MCU
logo
Holtek Semiconductor In...
HT46C23 HOLTEK-HT46C23 Datasheet
348Kb / 48P
A/D Type 8-Bit MCU
May 3, 2004
HT46R232 HOLTEK-HT46R232 Datasheet
434Kb / 50P
A/D Type 8-Bit MCU
November 23, 2005
HT46R24 HOLTEK-HT46R24_06 Datasheet
403Kb / 51P
A/D Type 8-Bit MCU
March 2, 2006
HT46RU22 HOLTEK-HT46RU22 Datasheet
455Kb / 60P
A/D Type 8-Bit MCU
March 23, 2007
HT46RU25 HOLTEK-HT46RU25 Datasheet
476Kb / 63P
A/D Type 8-Bit MCU
March 9, 2007
logo
Taiwan Memory Technolog...
T81L0006A TMT-T81L0006A_06 Datasheet
160Kb / 23P
8-bit A/D Type MCU
logo
Holtek Semiconductor In...
HT46RU22 HOLTEK-HT46RU22_08 Datasheet
444Kb / 59P
A/D Type 8-Bit MCU
December 29, 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com