Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R22 Datasheet(PDF) 18 Page - Holtek Semiconductor Inc

Part # HT46R22
Description  8-Bit A/D Type MCU
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R22 Datasheet(HTML) 18 Page - Holtek Semiconductor Inc

Back Button HT46R22 Datasheet HTML 14Page - Holtek Semiconductor Inc HT46R22 Datasheet HTML 15Page - Holtek Semiconductor Inc HT46R22 Datasheet HTML 16Page - Holtek Semiconductor Inc HT46R22 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46R22 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46R22 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46R22 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46R22 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46R22 Datasheet HTML 22Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
HT46R22/HT46C22
Rev. 1.10
18
October 2, 2002
Label
(ADCR)
Bits
Function
ACS0
ACS1
ACS2
0
1
2
Defines the analog channel select.
PCR0
PCR1
PCR2
3
4
5
Defines the port B configuration select.
If PCR0, PCR1 and PCR2 are all 0, the
ADC circuit is power off to reduce
power consumption
EOC
6
Provides response at the end of the
A/D conversion.
(0= end of A/D conversion)
START
7
Starts the A/D conversion. (0
®1®0
=start; 0
®1® reset A/D converter)
ADCR register
ACS2
ACS1
ACS0
Analog Channel
00
0
A0
00
1
A1
01
0
A2
01
1
A3
10
0
A4
10
1
A5
11
0
A6
11
1
A7
Analog input channel selection
PCR2
PCR1
PCR0
76543
2
10
0
0
0
PB7
PB6
PB5
PB4
PB3
PB2
PB1
PB0
0
0
1
PB7
PB6
PB5
PB4
PB3
PB2
PB1
A0
0
1
0
PB7
PB6
PB5
PB4
PB3
PB2
A1
A0
0
1
1
PB7
PB6
PB5
PB4
PB3
A2
A1
A0
1
0
0
PB7
PB6
PB5
PB4
A3
A2
A1
A0
1
0
1
PB7
PB6
PB5
A4
A3
A2
A1
A0
1
1
0
PB7
PB6
A5
A4
A3
A2
A1
A0
1
1
1
A7A6A5A4A3
A2
A1A0
Port B configuration
0 0 0 B
0 0 0 B
1 0 0 B
0 1 0 B
* 7 6 T A D
1 0 0 B
0 0 0 B
0 0 0 B
* * X X X B
S T A R T
E O C
P C R 0 ~ P C R 2
A C S 0 ~ A C S 2
P o w e r
O n
R e s e t
S t a r t o f A / D
c o n v e r s i o n
R e s e t A / D
c o n v e r t e r
S t a r t o f A / D
c o n v e r s i o n
R e s e t A / D
c o n v e r t e r
E n d o f A / D
c o n v e r t e r
E n d o f A / D
c o n v e r t e r
1 : D e f i n e P B c o n f i g u r a t i o n
2 : S e l e c t a n a l o g c h a n n e l
* * * 3 : S e l e c t A D C c l o c k
( E x a m p l e : 4 c h a n n e l , A N 2 ,
f S Y S / 8 )
1 : A l l P B l i n e i s d i g i t a l i n p u t
2 : A / D c o n v e r t e r i s p o w e r o f f
t o r e d u c e p o w e r c o n s u m p t i o n
* 7 6 T A D
" * " A / D c o n v e r t i n g t i m e i s 7 6 T A D
" * * " X X X B m e a n s d o n ' t c a r e
" * * * " A D C c l o c k m u s t b e f S Y S / 2 , f S Y S / 8 , f S Y S / 3 2
N o t e :
A/D conversion timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com