Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R22 Datasheet(PDF) 12 Page - Holtek Semiconductor Inc

Part # HT46R22
Description  8-Bit A/D Type MCU
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R22 Datasheet(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT46R22 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R22 Datasheet HTML 9Page - Holtek Semiconductor Inc HT46R22 Datasheet HTML 10Page - Holtek Semiconductor Inc HT46R22 Datasheet HTML 11Page - Holtek Semiconductor Inc HT46R22 Datasheet HTML 12Page - Holtek Semiconductor Inc HT46R22 Datasheet HTML 13Page - Holtek Semiconductor Inc HT46R22 Datasheet HTML 14Page - Holtek Semiconductor Inc HT46R22 Datasheet HTML 15Page - Holtek Semiconductor Inc HT46R22 Datasheet HTML 16Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
HT46R22/HT46C22
Rev. 1.10
12
October 2, 2002
tions
-²CLR WDT times selection option².Ifthe ²CLR
WDT
² is selected (i.e. CLRWDT times equal 1), any exe-
cution of the CLR WDT instruction will clear the WDT. In
case
²CLR WDT1² and ²CLR WDT2² are chosen (i.e.
CLRWDT times equal two), these two instructions must be
executed to clear the WDT; otherwise, the WDT may reset
the chip because of time-out.
If the WDT time-out period is selected fs/2
12 (options), the
WDT time-out period ranges from fs/2
12~f
s/2
13, since the
²CLR WDT² or ²CLR WDT1² and ²CLR WDT2² instruc-
tions only clear the last two stages of the WDT.
Power down operation
- HALT
The HALT mode is initialized by the
²HALT² instruction
and results in the following...
· The system oscillator will be turned off but the WDT
oscillator keeps running (if the WDT oscillator is se-
lected).
· The contents of the on chip RAM and registers remain
unchanged.
· WDT will be cleared and recounted again (if the WDT
clock is from the WDT oscillator).
· All of the I/O ports maintain their original status.
· The PD flag is set and the TO flag is cleared.
The system can leave the HALT mode by means of an
external reset, an interrupt, an external falling edge sig-
nal on port A or a WDT overflow. An external reset
causes a device initialization and the WDT overflow per-
forms a
²warm reset². After the TO and PD flags are ex-
amined, the reason for chip reset can be determined.
The PD flag is cleared by system power-up or executing
the
²CLR WDT² instruction and is set when executing
the
²HALT² instruction. The TO flag is set if the WDT
time-out occurs, and causes a wake-up that only resets
the PC and SP; the others keep their original status.
The port A wake-up and interrupt methods can be con-
sidered as a continuation of normal execution. Each bit
in port A can be independently selected to wake up the
device by the options. Awakening from an I/O port stim-
ulus, the program will resume execution of the next in-
struction. If it is awakening from an interrupt, two
sequences may happen. If the related interrupt is dis-
abled or the interrupt is enabled but the stack is full, the
program will resume execution at the next instruction. If
the interrupt is enabled and the stack is not full, the regu-
lar interrupt response takes place. If an interrupt request
flag is set to
²1² before entering the HALT mode, the
wake-up function of the related interrupt will be disabled.
Once a wake-up event occurs, it takes 1024 tSYS (sys-
tem clock period) to resume normal operation. In other
words, a dummy period will be inserted after wake-up. If
the wake-up results from an interrupt acknowledgment,
the actual interrupt subroutine execution will be delayed
by one or more cycles. If the wake-up results in the next
instruction execution, this will be executed immediately
after the dummy period is finished.
To minimize power consumption, all the I/O pins should
be carefully managed before entering the HALT status.
Reset
There are three ways in which a reset can occur:
· RES reset during normal operation
· RES reset during HALT
· WDT time-out reset during normal operation
The WDT time-out during HALT is different from other
chip reset conditions, since it can perform a
²warm re -
set
² that resets only the PC and SP, leaving the other cir-
cuits in their original state. Some registers remain un-
changed during other reset conditions. Most registers
are reset to the
²initial condition² when the reset condi-
tions are met. By examining the PD and TO flags, the
program can distinguish between different
²chip resets².
TO
PD
RESET Conditions
0
0
RES reset during power-up
u
u
RES reset during normal operation
0
1
RES wake-up HALT
1
u
WDT time-out during normal operation
1
1
WDT wake-up HALT
Note:
²u² means ²unchanged²
To guarantee that the system oscillator is started and
stabilized, the SST (System Start-up Timer) provides an
extra-delay of 1024 system clock pulses when the sys-
tem reset (power-up, WDT time-out or RES reset) or the
system awakes from the HALT state.
When a system reset occurs, the SST delay is added
during the reset period. Any wake-up from HALT will en-
able the SST delay.
An extra option load time delay is added during system
reset (power-up, WDT time-out at normal mode or RES
reset).
The functional unit chip reset status are shown below.
PC
000H
Interrupt
Disable
WDT
Clear. After master reset,
WDT begins counting
Timer/Event Counter
Off
Input/Output Ports
Input mode
SP
Points to the top of the stack
t S S T
R E S
V D D
S S T T i m e - o u t
C h i p R e s e t
Reset timing chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com