Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R22 Datasheet(PDF) 22 Page - Holtek Semiconductor Inc

Part # HT46R22
Description  8-Bit A/D Type MCU
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R22 Datasheet(HTML) 22 Page - Holtek Semiconductor Inc

Back Button HT46R22 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46R22 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46R22 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46R22 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46R22 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46R22 Datasheet HTML 23Page - Holtek Semiconductor Inc HT46R22 Datasheet HTML 24Page - Holtek Semiconductor Inc HT46R22 Datasheet HTML 25Page - Holtek Semiconductor Inc HT46R22 Datasheet HTML 26Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
HT46R22/HT46C22
Rev. 1.10
22
October 2, 2002
SRW bit
The SRW bit means that the master device wants to
read from or write to the I
2C BUS. The slave device
check this bit to understand itself if it is a transmitter or a
receiver. The SRW bit is set to
²1² means that the mas-
ter wants to read data from the I
2C BUS, so the slave de-
vice must write data to a bus as a transmitter. The SRW
is cleared to
²0² means that the master wants to write
data to the I
2C BUS, so the slave
device must read data from the I
2C BUS as a receiver.
Acknowledge bit
One of the slave device generates an acknowledge signal,
when the slave address is matched. The master device
can check this acknowledge bit to know if the slave device
accepts the calling address. If no acknowledge bit, the
master must send a STOP bit and end the communication.
When the I
2C BUS status register bit 6 HAAS is high, it
means the address is matched, so the slave must check
SRW as a transmitter (set HTX) to
²1² or as a receiver
(clear HTX) to
²0².
Data byte
The data is 8 bits and is sent after the slave device has
acknowledges the slave address. The first bit is MSB
and the 8th bit is LSB. The receiver sends the acknowl-
edge signal (
²0²) and continues to receive the next 1
byte data. If the transmitter checks and there
¢snoac-
knowledge signal, then it release the SDA line, and the
master sends a STOP signal to release the I
2C BUS.
The data is stored in the HDR register. The transmitter
must write data to the HDR before transmit data and the
receiver must read data from the HDR after receiving
data.
Receive acknowledge bit
When the receiver wants to continue to receive the next
data byte, it generates an acknowledge bit (TXAK) at
the 9th clock. The transmitter checks the acknowledge
bit (RXAK) to continue to write data to the I
2C BUS or
change to receive mode and dummy read the HDR reg-
ister to release the SDA line and the master sends the
STOP signal.
S C L
S D A
Stop bit
S C L
S D A
Start bit
S C L
S D A
S t a r t b i t
D a t a
s t a b l e
D a t a
a l l o w
c h a n g e
S t o p b i t
Data stable and data allow change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com