Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R22 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT46R22
Description  8-Bit A/D Type MCU
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R22 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT46R22 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46R22 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46R22 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46R22 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46R22 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46R22 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46R22 Datasheet HTML 23Page - Holtek Semiconductor Inc HT46R22 Datasheet HTML 24Page - Holtek Semiconductor Inc HT46R22 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
HT46R22/HT46C22
Rev. 1.10
21
October 2, 2002
3: Set EHI bit of the interrupt control register 1 (INTC1)
bit 0 to enable the I
2C BUS interrupt.
Label
(HSR)
Bits
Function
HCF
7
HCF is clear to
²0² when one data byte is
being transferred, HCF is set to
²1² indi-
cating 8-bit data communication has
been finished.
HAAS
6
HAAS is set to
²1² when the calling ad-
dressed is matched, and I
2C BUS inter-
rupt will occur and HIF is set.
HBB
5
HBB is set to
²1² when I2C BUS is busy
and HBB is cleared to
²0² means that
the I
2C BUS is not busy.
¾
4
Unused bit, read as
²0²
¾
3
Unused bit, read as
²0²
SRW
2
SRW is set to
²1² when the master
wants to read data from the I
2C BUS, so
the slave must transmit data to the mas-
ter. SRW is cleared to
²0² when the
master wants to write data to the I
2C
BUS, so the slave must receive data
from the master.
¾
1
Unused bit, read as
²0²
RXAK
0
RXAK is cleared to
²0² when the master
receives an 8-bit data and acknowledg-
ment at the 9th clock, RXAK is set to
²1²
means not acknowledged.
HSR register
Start signal
The START signal is generated only by the master de-
vice. The other device in the bus must detect the START
signal to set the I
2C BUS busy bit (HBB). The START
signal is SDA line from high to low, when SCL is high.
Slave address
The master must select a device for transferring the
data by sending the slave device address after the
START signal. All device in the I
2C BUS will receive the
I
2C BUS slave address (7 bits) to compare with its own
slave address (7 bits). If the slave address is matched,
the slave device will generate an interrupt and save the
following bit (8th bit) to SRW bit and sends an acknowl-
edge bit (low level) to the 9th bit. The slave device also
sets the status flag (HAAS), when the slave address is
matched.
In interrupt subroutine, check HAAS bit to know whether
the I
2C BUS interrupt comes from a slave address that is
matched or a data byte transfer is completed. When the
slave address is matched, the device must be in trans-
mit mode or receive mode and write data to HDR or
dummy read from HDR to release the SCL line.
S C L
S t a r t
S D A
S R W
A C K
1
0
0
1
0
1
0
D a t a
1
0
1
A C K
S t o p
0
0
1
0
0
S = S t a r t ( 1 b i t )
S A = S l a v e A d d r e s s ( 7 b i t s )
S R = S R W
b i t ( 1 b i t )
M = S l a v e d e v i c e s e n d a c k n o w l e d g e b i t ( 1 b i t )
D = D a t a ( 8 b i t s )
A = A C K ( R X A K b i t f o r t r a n s m i t t e r ; T X A K b i t f o r r e c e i v e r 1 b i t )
P = S t o p ( 1 b i t )
S
S A
S R
M
D
A
D
A
S
S A
S R
M
D
A
D
A
P
1
1
S C L
S D A
Slave address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com