Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R22 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT46R22
Description  8-Bit A/D Type MCU
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R22 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT46R22 Datasheet HTML 1Page - Holtek Semiconductor Inc HT46R22 Datasheet HTML 2Page - Holtek Semiconductor Inc HT46R22 Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R22 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R22 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R22 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R22 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R22 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R22 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VIH1
Input High Voltage for I/O Ports,
TMR and INT
3V
¾
0.7VDD
¾
VDD
V
5V
¾
0.7VDD
¾
VDD
V
VIL2
Input Low Voltage (RES)
3V
¾
0
¾
0.4VDD
V
5V
¾
0
¾
0.4VDD
V
VIH2
Input High Voltage (RES)
3V
¾
0.9VDD
¾
VDD
V
5V
¾
0.9VDD
¾
VDD
V
VLVR
Low Voltage Reset
¾¾
2.7
3
3.3
V
IOL
I/O Port Sink Current
3V
VOL=0.1VDD
48
¾
mA
5V
VOL=0.1VDD
10
20
¾
mA
IOH
I/O Port Source Current
3V
VOH=0.9VDD
-2
-4
¾
mA
5V
VOH=0.9VDD
-5
-10
¾
mA
RPH
Pull-high Resistance
3V
¾
40
60
80
k
W
5V
¾
10
30
50
k
W
EAD
A/D Conversion Error
¾¾
¾
±0.5
±1
LSB
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fSYS1
System Clock (Crystal OSC)
3V
¾
400
¾
4000
kHz
5V
¾
400
¾
8000
kHz
fSYS2
System Clock (RC OSC)
3V
¾
400
¾
4000
kHz
5V
¾
400
¾
8000
kHz
fTIMER
Timer I/P Frequency (TMR)
3V
¾
0
¾
4000
kHz
5V
¾
0
¾
8000
kHz
tAD
A/D Clock Period
5V
¾
1
¾¾
ms
tADC
A/D Conversion Time
¾¾
¾
76
¾
tAD
tWDTOSC
Watchdog Oscillator
3V
¾
43
86
168
ms
5V
¾
35
65
130
ms
tRES
External Reset Low Pulse Width
¾¾
1
¾¾
ms
tSST
System Start-up Timer Period
¾ Wake-up from HALT
¾
1024
¾
*tSYS
tINT
Interrupt Pulse Width
¾¾
1
¾¾
ms
tIIC
I
2C BUS Clock Period
¾
Connect to external
pull-high resistor 2k
W
64
¾¾
*tSYS
tOPT
Option Load Time During Reset
3V
System power on, WDT
time-out at normal mode,
RES is reset
45
90
180
ms
5V
35
70
140
ms
Note: *tSYS=1/fSYS
HT46R22/HT46C22
Rev. 1.10
5
October 2, 2002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com