Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X.FL-R-SMT-1 Datasheet(PDF) 5 Page - Hirose Electric

Part # X.FL-R-SMT-1
Description  Low-Profile, Ultraminiature Lightweight SMT Coaxial Connectors - 0.94 or 1.2 mm Mated Height
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

X.FL-R-SMT-1 Datasheet(HTML) 5 Page - Hirose Electric

  X.FL-R-SMT-1 Datasheet HTML 1Page - Hirose Electric X.FL-R-SMT-1 Datasheet HTML 2Page - Hirose Electric X.FL-R-SMT-1 Datasheet HTML 3Page - Hirose Electric X.FL-R-SMT-1 Datasheet HTML 4Page - Hirose Electric X.FL-R-SMT-1 Datasheet HTML 5Page - Hirose Electric X.FL-R-SMT-1 Datasheet HTML 6Page - Hirose Electric X.FL-R-SMT-1 Datasheet HTML 7Page - Hirose Electric X.FL-R-SMT-1 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
X.FL Series●Low-Profile, Ultraminiature Lightweight SMT Coaxial Connectors - 0.94 or 1.2 mm Mated Height
BTool
■Conversion Adapters
(
9.98)
8HEX
Part No.
HRS No
RoHS
HRMP-X.FLJ
CL311-0435-1
○
●SMA Conversion Adapter (Mating portion - X.FL side: jack - SMA side: plug)
Note: The X.FL side mating portions has a lower lock
retention force than the regular product, so that
the adapter cannot be used for purposes other
than performance measurements.
13.74
6
(
4.05)
5.6
Part No
HRS No
RoHS
HRMJ-X.FLP
CL311-0436-4
○
●SMA Conversion Adapter (Mating portion - X.FL side: plug - SMA side: jack)
Note: The X.FL side mating portions has a lower
lock retention force than the regular product, so that
the adapter cannot be used for purposes other than
performance measurements.
(
18.12)
(
4.05)
5.5
6
Part No.
HRS No
RoHS
HRMJ-X.FLP-ST3
CL311-0450-5
○
●SMA Conversion Adapter (Mating portion - X.FL side: plug (w/o lock) - SMA side: jack)
Note: This connector is used by compressing the
mating portion of X.FL side onto the X.F L-R-S M T-1
portion.
●Plug Mating Tool (Space-Saving Type)
(
100)
JAPAN
Part No.
HRS No
RoHS
W.FL-LP-IN
※
CL331-0323-2
○
*This tool can be also used for the X.FL series.
Part No.
HRS No
RoHS
X.FL-LP-IN.OUT1
CL331-0715-2
○
Mating side
Unmating side
(
60)
●Plug Mating and Unmating Tool
This tool is used for mating a plug.
This is a combination tool that has both of
the mating and unmating tool at either end.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com