Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X.FL-R-SMT-1 Datasheet(PDF) 3 Page - Hirose Electric

Part # X.FL-R-SMT-1
Description  Low-Profile, Ultraminiature Lightweight SMT Coaxial Connectors - 0.94 or 1.2 mm Mated Height
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

X.FL-R-SMT-1 Datasheet(HTML) 3 Page - Hirose Electric

  X.FL-R-SMT-1 Datasheet HTML 1Page - Hirose Electric X.FL-R-SMT-1 Datasheet HTML 2Page - Hirose Electric X.FL-R-SMT-1 Datasheet HTML 3Page - Hirose Electric X.FL-R-SMT-1 Datasheet HTML 4Page - Hirose Electric X.FL-R-SMT-1 Datasheet HTML 5Page - Hirose Electric X.FL-R-SMT-1 Datasheet HTML 6Page - Hirose Electric X.FL-R-SMT-1 Datasheet HTML 7Page - Hirose Electric X.FL-R-SMT-1 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
X.FL Series●Low-Profile, Ultraminiature Lightweight SMT Coaxial Connectors - 0.94 or 1.2 mm Mated Height
❶ Series name: X.FL series
❷ Assembly type LP: Single-ended, 2LP: Double-ended
❸ Cable type
04K: Ø0.81 coaxial cable
❹ Cable color
1: White, 2: Black
❺ Cable outer conductor TV: Tin plated braided wire
❻ Total length L (mm)
L length in mm
❶ Series name: X.FL series
❷ Assembly type LP: Single-ended, 2LP: Double-ended
❸ Cable type
044N: Ø0.64 coaxial cable
❹ Cable color
1: White, 2: Black
❺ Cable outer conductor
TS: Tin plated fiber or paper
covered copper winding wire
❻ Total length L (mm)
L length in mm
❶ Series name: X.FL series
❷ Assembly type LP9: Single-ended, 2LP9: Double-ended
❸ Cable type
032H: Ø0.5 coaxial cable
❹ Cable color
1: White, 2: Black
❺ Cable outer conductor
TS: Tin plated fiber or paper
covered copper winding wire
❻ Total length L (mm)
L length in mm
How to Specify Plug Cable Assembly
The dimensions of a cable assembly of the X.FL series should be specified as follows:
[Double-Ended Cable Assembly]
[Single-Ended Cable Assembly]
L(mm)
L(mm)
Single ended assemblies come with a blunt cut on the
non-terminated end. Please contact us if special strip
requirements are needed.
■Product Number Structure
Refer to the charts below for determining specific part number characteristics.
Please select connectors listed in this catalog when placing orders and be sure to check the latest delivery specifications at
the time of ordering the product.
●Used Plug: X.FL-LP-040
◇Ø0.81 Coaxial Cable
Double-Ended
X.FL - 2LP - 04K「」TV - A - (L)
❶❷
❸
❹
❺
❻
Single-Ended
X.FL - LP - 04K「」TV - A - (L)
❶❷
❸
❹
❺
❻
◇Ø0.64 Coaxial Cable
Double-Ended
X.FL - 2LP - 044N「」TS - A - (L)
❶❷
❸
❹
❺
❻
Single-Ended
X.FL - LP - 044N「」TS - A - (L)
❶
❷❸
❹
❺
❻
Plug: X.FL-LP-032 (09) Ø0.5 coaxial cable
Double-Ended
X.FL - 2LP9 - 032H「」TS - A - (L)
❶❷
❸
❹
❺
❻
Single-Ended
X.FL - LP9 - 032H「」TS - A - (L)
❶❷
❸
❹
❺
❻



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com