Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X.FL-R-SMT-1 Datasheet(PDF) 2 Page - Hirose Electric

Part # X.FL-R-SMT-1
Description  Low-Profile, Ultraminiature Lightweight SMT Coaxial Connectors - 0.94 or 1.2 mm Mated Height
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

X.FL-R-SMT-1 Datasheet(HTML) 2 Page - Hirose Electric

  X.FL-R-SMT-1 Datasheet HTML 1Page - Hirose Electric X.FL-R-SMT-1 Datasheet HTML 2Page - Hirose Electric X.FL-R-SMT-1 Datasheet HTML 3Page - Hirose Electric X.FL-R-SMT-1 Datasheet HTML 4Page - Hirose Electric X.FL-R-SMT-1 Datasheet HTML 5Page - Hirose Electric X.FL-R-SMT-1 Datasheet HTML 6Page - Hirose Electric X.FL-R-SMT-1 Datasheet HTML 7Page - Hirose Electric X.FL-R-SMT-1 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
X.FL Series●Low-Profile, Ultraminiature Lightweight SMT Coaxial Connectors - 0.94 or 1.2 mm Mated Height
●Cable Guide
Description
Cable
Type
Cable Specification
Center Conductor
Dielectric
Diameter
Outer Conductor
Jacket
Diameter
Nominal
Impedance
Nominal attenuation
3GHz
6GHz
Ø0.81 mm Coaxial
Cable
04
7/0.05 (36 AWG)
Silver plated annealed copper wire
Ø0.40
FEP
Single-layer braided wire
Tin plated
Ø0.81
FEP
50
5.6dB/m
8.3dB/m
Ø0.64 mm Coaxial
Cable
044
7/0.05 (36 AWG)
Silver plated annealed copper wire
Ø0.44
PFA
Fiber or paper covered
copper winding wire
Tin plated
Ø0.64
PFA
50
5.85dB/m 8.59dB/m
Ø0.5 mm Coaxial
Cable
032
7/0.04 (38 AWG)
Silver plated copper alloy wire
Ø0.32
PFA
Fiber or paper covered
copper winding wire
Tin plated
Ø0.5
PFA
50
6.13dB/m 9.09dB/m
Ø1.13 mm Coaxial
Cable
068
7/0.08 (32 AWG)
Silver plated annealed copper wire
Ø0.68
FEP
Single-layer braided wire
Tin plated
Ø1.13
FEP
50
3.7dB/m
5.3dB/m
3.3
Ø0.81 or Ø0.64
3.5
Ø0.5
3.6
Ø1.13
Material / Finishes
Part
Material
Finish and remarks
Shell
Phosphor bronze
Gold plated
Insulator
LCP resin
Black, UL94V-0
Female contact
Phosphor bronze
Gold plated
Material / Finishes
Part
Material
Finish and remarks
Shell
Phosphor bronze
Partially gold plated
Insulator
LCP resin
Black, UL94V-0
Female contact
Phosphor bronze
Gold plated
Material / Finishes
Part
Material
Finish and remarks
Shell
Phosphor bronze
Partially gold plated
Insulator
LCP resin
Black, UL94V-0
Female contact
Phosphor bronze
Gold plated
■Cable Assembly (Plug)
●X.FL-LP-040 (Applicable cable: outer diameter Ø0.81 or Ø0.64)
●X.FL-LP-032 (09) (Applicable cable: outer diameterØ0.5)
●X.FL-LP (P) -068 (Applicable cable: outer diameterØ1.13)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com