Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X.FL-R-SMT-1 Datasheet(PDF) 6 Page - Hirose Electric

Part # X.FL-R-SMT-1
Description  Low-Profile, Ultraminiature Lightweight SMT Coaxial Connectors - 0.94 or 1.2 mm Mated Height
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

X.FL-R-SMT-1 Datasheet(HTML) 6 Page - Hirose Electric

  X.FL-R-SMT-1 Datasheet HTML 1Page - Hirose Electric X.FL-R-SMT-1 Datasheet HTML 2Page - Hirose Electric X.FL-R-SMT-1 Datasheet HTML 3Page - Hirose Electric X.FL-R-SMT-1 Datasheet HTML 4Page - Hirose Electric X.FL-R-SMT-1 Datasheet HTML 5Page - Hirose Electric X.FL-R-SMT-1 Datasheet HTML 6Page - Hirose Electric X.FL-R-SMT-1 Datasheet HTML 7Page - Hirose Electric X.FL-R-SMT-1 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
X.FL Series●Low-Profile, Ultraminiature Lightweight SMT Coaxial Connectors - 0.94 or 1.2 mm Mated Height
BUsage Precautions
1. Plugs
(1) Mating / un-mating
1.To un-mate a connector, use the unmating side of the plug mating and unmating tool
X.FL-LP-IN.OUT1 as shown in the following figure.
[How to un-mate a plug]
Insert the tool
from the direction
of the cable so that
it can hold the cable.
Tilt the tool to
pull the cable
side up.
Un-mating is completed.
Never un-mate the plug by pulling the cable. It may cause a failure of the connector.
2. To mate a connector, use the mating side of the plug mating and unmating tool X.FL-LP-
IN.OUT1 or the plug mating tool W.FL-LP-IN. Align the mating axes between both of the
connectors and check that the shell is properly aligned. The connector should be inserted
perpendicularly as much as possible. (See the following figure)
Do not attempt to insert the connector at an extreme angle. It may cause the connector to fail.
X.FL Plug Connector
X.FL-R-SMT-1 (Receptacle)
(2) Allowable load to a
cable that is mated
After the connector is mated, do not apply a load to the cable in excess of the values
indicated in the figure below.
X.FL-R-SMT-1
2 N or less (X.FL-LP-040.X.FL-LP(P)-068)
1 N or less (X.FL-LP-032)
(while wiring after mating)
When the cable is routed in such a direction that lifts the cable, it is recommended that
cushioning should be placed on the plug to prevent the connector from unmating (see the
example below).
Cushioning
(3) Precautions
Do not mate or unmate a connector with an excessive prying force. It may cause a failure of
the connector.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com