Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X.FL-R-SMT-1 Datasheet(PDF) 4 Page - Hirose Electric

Part # X.FL-R-SMT-1
Description  Low-Profile, Ultraminiature Lightweight SMT Coaxial Connectors - 0.94 or 1.2 mm Mated Height
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

X.FL-R-SMT-1 Datasheet(HTML) 4 Page - Hirose Electric

  X.FL-R-SMT-1 Datasheet HTML 1Page - Hirose Electric X.FL-R-SMT-1 Datasheet HTML 2Page - Hirose Electric X.FL-R-SMT-1 Datasheet HTML 3Page - Hirose Electric X.FL-R-SMT-1 Datasheet HTML 4Page - Hirose Electric X.FL-R-SMT-1 Datasheet HTML 5Page - Hirose Electric X.FL-R-SMT-1 Datasheet HTML 6Page - Hirose Electric X.FL-R-SMT-1 Datasheet HTML 7Page - Hirose Electric X.FL-R-SMT-1 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
X.FL Series●Low-Profile, Ultraminiature Lightweight SMT Coaxial Connectors - 0.94 or 1.2 mm Mated Height
●Embossed Carrier Tape Dimensions (JIS-C-0806 compliant)
●Embossed Carrier Tape Dimensions (JIS-C-0806 compliant) ●Reel Dimensions
■Receptacles
■Plug Receptacles
0.3
1.7
0.3
2
SIG
GND
GND
0.56
0.18
SIG
No conductive
traces in this area
0.5
1.4
2.6
GND
SIG
GND
SIG
0.3
0.3
1.94
2.28
0.69
0.33
2.8
1.97
1.8
No conductive
traces in this area
24
4
SIG
Unreeling direction
SIG
24
4
Unreeling direction
A
A
13.5
2
φ13
A
A
13.5
2
φ13
*1) The pattern is the same as the W.FL and W.FL2 connectors.
Part No.
HRS No
Packaging
RoHS
X.FL-R-SMT-1
(80)
CL331-0701-8-80
Reel packaging 10,000 pieces per reel
○
Part No.
HRS No
Packaging
RoHS
X.FL-PR-SMT1-2
(80)
CL331-0713-7-80
Reel packaging 10,000 pieces per reel
○
Recommended PCB Mounting Pattern (*1)
Recommended PCB Mounting Pattern
❶ Series name: X.FL series
❷ Assembly type LP: Single-ended, 2LP: Double-ended
❸ Connection type
Batch connection type
❹ Cable type
068W:
Ø1.13 coaxial cable
❺ Cable color
1: Grey, 2: Black, 3: White
❻ Cable outer conductor TV: Tin plated braided wire
❼ Total length L (mm)
L length in mm
●Standard Tolerances for (L)
L (mm)
Standard Tolerances (mm)
35
≦ L ≦ 200
±4
200
< L ≦ 500
±8
L (mm)
Standard Tolerances (mm)
500
< L ≦ 1000
±12
1000
< L
±1.5%
Note: Minimum available length (L) is 35 mm.
Plug: X.FL-LP (P)-068 Ø1.13 coaxial cable
Double-Ended
X.FL - 2LP P - 068W「」TV - A - (L)
❶❷
❸
❹
❺
❻
❼
Single-Ended
X.FL - LP P - 068W「」TV - A - (L)
❶❷
❸
❹
❺
❻
❼
●Reel Dimensions



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com