Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X.FL-R-SMT-1 Datasheet(PDF) 8 Page - Hirose Electric

Part # X.FL-R-SMT-1
Description  Low-Profile, Ultraminiature Lightweight SMT Coaxial Connectors - 0.94 or 1.2 mm Mated Height
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

X.FL-R-SMT-1 Datasheet(HTML) 8 Page - Hirose Electric

  X.FL-R-SMT-1 Datasheet HTML 1Page - Hirose Electric X.FL-R-SMT-1 Datasheet HTML 2Page - Hirose Electric X.FL-R-SMT-1 Datasheet HTML 3Page - Hirose Electric X.FL-R-SMT-1 Datasheet HTML 4Page - Hirose Electric X.FL-R-SMT-1 Datasheet HTML 5Page - Hirose Electric X.FL-R-SMT-1 Datasheet HTML 6Page - Hirose Electric X.FL-R-SMT-1 Datasheet HTML 7Page - Hirose Electric X.FL-R-SMT-1 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
X.FL Series●Low-Profile, Ultraminiature Lightweight SMT Coaxial Connectors - 0.94 or 1.2 mm Mated Height
(4) Notes for mounting
Avoid mounting multiple connectors of this type on the same circuit board.
(If it is unavoidable to mount multiple connectors, take necessary measures for use, such as
separating the circuit board between the connectors.)
When the connector is mounted on an FPC, insufficient stiffness may lead to land pattern
separation or solder separation. It is recommended that the FPC should be lined with a
stiffening film.
(5) Precautions
1. Do not mate or unmate a connector with an excessive prying force. It may cause a failure
of the connector.
2. The connector may become disconnected if it is dropped, or extreme stress is applied to
the FPC. To prevent this from happening, fix the connector in place by holding it with an
added portion of the case or some type of cushioning material.
3. Reflow conditions of receptacles and plug receptacles
(1) Recommended reflow
temperature profile
[reference]
60 seconds or less
50 seconds or less
10 seconds or less
Time (second)
120 seconds or less
Preheat time
130
℃
Soldering profile for lead free solder (reference)
260
240
220
200
180
160
140
120
100
80
0
Soldering time
180
℃
220
℃
230
℃
250ç or lower
1. The temperatures indicated are the surface temperatures on the printed circuit board at
the points of contact with the terminals.
2. Reflow soldering should be performed at a peak temperature of 250°C or less at the
surface of the printed circuit board.
3. The temperature profile varies depending on conditions such as the size of the printed
circuit board, the solder paste type, and solder thickness.
(2) Recommended
metal mask thickness
0.1mm~0.12mm
(3) Reflow cycles
2 times
4. Operating Environment and Storage Conditions
(1) Operating environment
This product was designed under the assumption that it would be used in a normal operating
environment.
Use of this connector under adverse environmental conditions may lead to discoloration or other
kinds of degradation. Use of the connector in regions having exposure to excessive amounts of
fine particles and dust, high densities of sulfur dioxide, hydrogen sulfide, nitrogen dioxide or other
corrosive gasses (e.g., exhaust gas from automobiles or factories), is not advised
Environments having a large difference in temperature, such as a place near a heater.
(2) Storage conditions
Store the product in Hirose Electric's packaging or similar packaging conditions.
Temperature: -10 to +40°C, humidity: 85% or less (recommended storage conditions)
Use the product within six months from delivery.
Products for which the storage period has expired must be tested for solderability before the use.
The characteristics and the specifications contained herein are for reference purpose. Please refer to the latest customer drawings prior to use.
The contents of this catalog are current as of date of 1/2014. Contents are subject to change without notice for the purpose of improvements.
6-3,Nakagawa Chuoh-2-Chome,Tsuzuki-Ku,Yokohama-Shi 224-8540,JAPAN
TEL: +81-45-620-3526 Fax: +81-45-591-3726
http://www.hirose.com
http://www.hirose-connectors.com
®



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com