Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X.FL-R-SMT-1 Datasheet(PDF) 1 Page - Hirose Electric

Part # X.FL-R-SMT-1
Description  Low-Profile, Ultraminiature Lightweight SMT Coaxial Connectors - 0.94 or 1.2 mm Mated Height
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

X.FL-R-SMT-1 Datasheet(HTML) 1 Page - Hirose Electric

  X.FL-R-SMT-1 Datasheet HTML 1Page - Hirose Electric X.FL-R-SMT-1 Datasheet HTML 2Page - Hirose Electric X.FL-R-SMT-1 Datasheet HTML 3Page - Hirose Electric X.FL-R-SMT-1 Datasheet HTML 4Page - Hirose Electric X.FL-R-SMT-1 Datasheet HTML 5Page - Hirose Electric X.FL-R-SMT-1 Datasheet HTML 6Page - Hirose Electric X.FL-R-SMT-1 Datasheet HTML 7Page - Hirose Electric X.FL-R-SMT-1 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
NEW
2014.1
Low-Profile, Ultraminiature Lightweight SMT Coaxial Connectors - 0.94 or 1.2 mm Mated Height
X.FL Series
■Features
1. A Low mated height of 0.94 or 1.2
mm (maximum of 1.0 or 1.3 mm)
When connected this series delivers a world class
low mated height of 1.0 or 1.3 mm (see Figure 1).
2. Minimal mounting area required
The receptacle requires a footprint of only 3.4 mm2,
which is the same footprint as our W.FL and W.
FL2 series. In addition, the same land patterns can
be used. (Note: The X.FL series has no mating
compatibility with the W.FL2 and W.FL series.)
3. Ultra lightweight
The world’s smallest and lightest class of coaxial
connectors
Receptacle: 3.2 mg
Right angle plug: 22.0 mg (068),14.4 mg (040), and 15.7 mg (032)
Plug receptacle: 5.5 mg
4. High frequency transmission
This series offers the high performance needed to
meet the requirements of many different
miniature devices, featuring a DC to 6 GHz
capacity. X.FL-LP(P)-068 supports up to 12 GHz.
5. Automatic board placement
This product is a v ailab le in embossed
packaging; this allows the plug and receptacles
to be automatically mounted.
6. The use of ultra-fine coaxial
(fluorinated resin insulated) cables
The use of ultra-fine coaxial (fluorinated resin
insulated) cables on these connectors offer the
ability to complete connections in small,
confined spaces with a smooth, easy operation.
7. Simple connector mating / unmating
Dedicated tools are available to ensure that proper
mating/unmating of this connector takes place.
●Connector mated condition
Mated height comparison (compared to conventional company products)
Fig. 1
■Product Specifications
Ratings
Nominal characteristic impedance
50ø
Operating temperature range -40°C to +90°C (RH 90% or less)
Frequency range
DC~6GHz
Storage humidity range
-30°C to +70°C (RH 90% or less)
Item
Specifications (for each plug type)
X.FL-LP-040
X.FL-LP-032(09)
X.FL-LP(P)-068
X.FL-PR-SMT1-2
1. Contact
resistance
(Center) Maximum of 20 mø
(Outer) Maximum of 10 mø
(Center) Maximum of 25 mø
(Outer) Maximum of 25 mø
(Center) Maximum of 25 mø
(Outer) Maximum of 10 mø
(Center) Maximum of 25 mø
(Outer) Maximum of 15 mø
2. V.S.W.R. (*)
1.3 or less (DC to 3 GHz)
1.4 or less (3 to 6 GHz)
1.3 or less (DC to 3 GHz)
1.4 or less (3 to 6 GHz)
1.3 or less (DC to 3 GHz)
1.4 or less (3 to 6 GHz)
1.7 or less (6 to 12 GHz)
1.3 or less (DC to 3 GHz)
1.5 or less (3 to 6 GHz)
3. Insulation resistance
Minimum of 500 MΩ , 100 V DC
4. Withstanding voltage
200 V AC, 1 minute
*V.S.W.R. Measurement System (plug type)
The above V.S.W.R. specification values were measured using the measurement system shown below.
X.FL-R-SMT-1
X.FL-LP-040
X.FL-LP-032(09) X.FL-LP(P)-068
X.FL-PR-SMT1-2
X.FL-R-SMT-1 X.FL-R-SMT-1
Note 1:Cable type connectors were measured with SMA
conversion adapters attached to both ends of the
harness product of a suitable 100 cm cable.
Note 2:Board type connectors were mounted to a 50
glass epoxy board and measurements were
conducted with SMA conversion adapters
attached.
Test Port Cable
Network
 Analyzer
Test
 Set
Test
 Port
D.U.T
Termination


Similar Part No. - X.FL-R-SMT-1

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
X.FL-LP-IN.OUT HIROSE-X.FL-LP-IN.OUT Datasheet
332Kb / 8P
0.92mm mated height Low Height and Light Weight Miniature Coaxial Connectors Supporting up to 30GHz
2022.1
X.FL-LP-IN.OUT1 HIROSE-X.FL-LP-IN.OUT1 Datasheet
347Kb / 8P
Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
More results

Similar Description - X.FL-R-SMT-1

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MRF03 HIROSE-MRF03 Datasheet
264Kb / 5P
SMT Low-Profile Coaxial Multiple Contact Connectors
U.FL-R-SMT HIROSE-U.FL-R-SMT Datasheet
177Kb / 8P
Ultra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
logo
List of Unclassifed Man...
UFL-LP-040 ETC-UFL-LP-040 Datasheet
190Kb / 8P
Ultra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
logo
Hirose Electric
U.FL-R-SMT-1 HIROSE-U.FL-R-SMT-1 Datasheet
198Kb / 7P
Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.4mm Mated Height
U.FL-LP HIROSE-U.FL-LP Datasheet
258Kb / 7P
Ultra Small Surface Mount Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
logo
List of Unclassifed Man...
DF38-30P-SHL ETC2-DF38-30P-SHL Datasheet
419Kb / 10P
0.3 mm Pitch, 1.5 mm Mated Height, Board- to-Fine Coaxial Cable Connectors
logo
Hirose Electric
U-FL HIROSE-U-FL Datasheet
258Kb / 7P
Ultra Small Surface Mount Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
N-FL HIROSE-N-FL Datasheet
227Kb / 6P
Lightweight SMT Miniature Coaxial Connectors ??1.4 mm Mated Height
W.FL HIROSE-W.FL_17 Datasheet
296Kb / 8P
Ultra Small Surface Mount Coaxial Connectors 1.4mm or 1.65mm Mated Height
N.FL HIROSE-N.FL Datasheet
265Kb / 6P
Lightweight SMT Miniature Coaxial Connectors ??1.4 mm Mated Height
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com