Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDF76 Datasheet(PDF) 5 Page - Hirose Electric

Part # MDF76
Description  1.0 mm Pitch, Board-to-Wire LCD Interface Connectors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

MDF76 Datasheet(HTML) 5 Page - Hirose Electric

  MDF76 Datasheet HTML 1Page - Hirose Electric MDF76 Datasheet HTML 2Page - Hirose Electric MDF76 Datasheet HTML 3Page - Hirose Electric MDF76 Datasheet HTML 4Page - Hirose Electric MDF76 Datasheet HTML 5Page - Hirose Electric MDF76 Datasheet HTML 6Page - Hirose Electric MDF76 Datasheet HTML 7Page - Hirose Electric MDF76 Datasheet HTML 8Page - Hirose Electric MDF76 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
MDF76 Seriesq1.0 mm Pitch, Board-to-Wire LCD Interface Connectors
Gold plated
sReceptacles (Low profile)
qRight angle, Standard, mid-mount, SMT
0.2
0.4
No.2 (Signal)
31
Lead pitch=1
37.35
40.05
29
Contact pitch = 1
3.3
1.9
No.1 (Ground)
No.32 (Ground)
No.31 (Signal)
Insulator Color
Packaging
Above the mounting surface
Beige
3,000 pcs. / reel
1.0 mm
Part Number
CL No.
Number of contacts
RoHS
MDF76KBW-30S-1H(55)
547-0606-9-55
30
YES
All dimensions: mm
All dimensions: mm
Gold plated
qRight angle, Reverse, mid-mount, SMT
0.2
0.4
No.31 (Signal)
31
Lead pitch=1
37.35
40.05
No.32 (Ground)
No.1 (Ground)
No.2 (Signal)
29
Contact pitch = 1
3.3
1.9
1
Insulator Color
Packaging
Above the mounting surface
Black
3,000 pcs. / reel
1.1 mm
Part Number
CL No.
Number of contacts
RoHS
MDF76LBRW-30S-1H(55)
547-0607-1-55
30
YES
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com