Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDF76 Datasheet(PDF) 12 Page - Hirose Electric

Part # MDF76
Description  1.0 mm Pitch, Board-to-Wire LCD Interface Connectors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

MDF76 Datasheet(HTML) 12 Page - Hirose Electric

Back Button MDF76 Datasheet HTML 4Page - Hirose Electric MDF76 Datasheet HTML 5Page - Hirose Electric MDF76 Datasheet HTML 6Page - Hirose Electric MDF76 Datasheet HTML 7Page - Hirose Electric MDF76 Datasheet HTML 8Page - Hirose Electric MDF76 Datasheet HTML 9Page - Hirose Electric MDF76 Datasheet HTML 10Page - Hirose Electric MDF76 Datasheet HTML 11Page - Hirose Electric MDF76 Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
MDF76 Seriesq1.0 mm Pitch, Board-to-Wire LCD Interface Connectors
12
USA:
HIROSE ELECTRIC (U.S.A.), INC. Headquarters
2688 Westhills Court, Simi Valley, CA 93065-6235
Phone : 1-805-522-7958
Fax : 1-805-522-3217
http://www.hiroseusa.com
USA:
HIROSE ELECTRIC (U.S.A.), INC. Dallas Office
1701 N. Greenville Ave. Ste 817, Richardson, TX
75081
Phone : 1-469-330-9200
Fax : 1-469-330-9205
http://www.hiroseusa.com
USA:
HIROSE ELECTRIC (U.S.A.), INC. Chicago Office
2777 Finley Road, Suite 28 Downers Grove, IL
60148
Phone : 1-630-916-1455
Fax : 1-630-916-1451
http://www.hiroseusa.com
CHINA:
HIROSE ELECTRIC CO., LTD. Shenzhen Office
Room 1902-05, Office Tower Shun Hing Square, DiWang
Commercial Centre 5002 ShenNanDong Road, ShenZhen
Phne : 86-755-8207-0851
Fax : 86-755-8207-0873
http://www.hirose-china.com.cn
UNITED KINGDOM:
HIROSE ELECTRIC UK LTD.
Crownhill Business Centre 22 Vincent Avenue
Crownhill, Milton Keynes MK8 OAB
Phone : 44-1908-305400
Fax : 44-1908-305401
http://www.hirose.co.uk
HONG KONG:
HIROSE ELECTRIC CO., LTD.
Unit 1102, Energy Plaza, 92 Granville Road,
Tsim Sha Tsui East, Kowloon
Phone : 852-2803-5338
Fax : 852-2591-6560
http://www.hirose-hongkong.com.hk
GERMANY:
HIROSE ELECTRIC GmbH
Herzog-Carl-Strasse 4 D-73760 Ostfildern
(Scharnhauser Park)
Phone : 49-711-4560-02-1
Fax : 49-711-4560-02-299
http://www.hirose.de
KOREA:
HIROSE KOREA CO., LTD.
(#2NA311,Shihwa Industrial Complex),1261-10,
Jeoungwhang-Dong, Shihung-City, Kyunggi-Do 429-450
Phone : 82-31-496-7000,7124
Fax : 82-31-496-7100
http://www.hirose.co.kr
TAIWAN:
HIROSE ELECTRIC TAIWAN CO., LTD.
No.28 Lane 247 Sec. 2 Yen Ping N,Rd.Taipei
Phone : 886-2-2557-7351,7352
Fax : 886-2-2552-9851
http://www.hirose-taiwan.com.tw
THE NETHERLANDS:
HIROSE ELECTRIC EUROPE B.V.
Beechavenue 46,1119 PV
Schiphol-Rijk
Phone : 31-20-6557490
Fax : 31-20-6557469
http://www.hiroseeurope.com
FINLAND:
Hirose Electric Europe B.V. Finland Office
Teknobulevardi 3-5 01530 VANTAA
Phone : 358-9-2517-8459
Fax : 358-9-2517-8460
http://www.hiroseeurope.com
USA:
HIROSE ELECTRIC (U.S.A.), INC. New York Office
510 Broadhollow Road, Suite 305, Melville, NY
11747
Phone : 1-516-249-5259
http://www.hiroseusa.com
USA:
HIROSE ELECTRIC (U.S.A.), INC. Detroit Office (Automotive)
37650 Professional Center Drive, Suite 120A,
Livonia, MI 48154
Phone : 1-734-542-9963
Fax : 1-734-542-9964
http://www.hiroseusa.com
USA:
HIROSE ELECTRIC (U.S.A.), INC. North California Office
20400 Stevens Creek Blvd., Ste 250, Cupertino,
CA 95014
Phone : 1-408-253-9640
Fax : 1-408-253-9641
http://www.hiroseusa.com
CHINA:
HIROSE ELECTRIC CO., LTD. Beijing Office
Unit 1605, Block A, ZhuBang2000 BusinessCenter,
No.100, Balizhuang Xili, Chaoyang District, Beijing, 10025
Phone : 86-10-5165-9332
Fax : 86-10-8586-1418
http://www.hirose-china.com.cn
CHINA:
HIROSE ELECTRIC (SHANGHAI) CO., LTD.
1501-02, Cross Tower Building 318 Fuzhou Road,
Huang Pu District Shanghai, 200001
Phone : 86-21-6391-3355
Fax : 86-21-6391-3335
http://www.hirose-china.com.cn
SINGAPORE:
HIROSE ELECTRIC CO., LTD.
10 Anson Road #26-16 International Plaza 079903
Phone : 65-6324-6113
Fax : 65-6324-6123
http://www.hirose-singapore.com.sg
The contents of this catalog are current as of date of publication. Contents are subject to change without notice for the purpose of improvements.
5-23,OSAKI 5-CHOME,SHINAGAWA-KU,TOKYO 141-8587,JAPAN
PHONE: 81-3-3491-9741, FAX: 81-3-3493-2933
http://www.hirose.com
http://www.hirose-connectors.com
®
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com