Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDF76 Datasheet(PDF) 2 Page - Hirose Electric

Part # MDF76
Description  1.0 mm Pitch, Board-to-Wire LCD Interface Connectors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

MDF76 Datasheet(HTML) 2 Page - Hirose Electric

  MDF76 Datasheet HTML 1Page - Hirose Electric MDF76 Datasheet HTML 2Page - Hirose Electric MDF76 Datasheet HTML 3Page - Hirose Electric MDF76 Datasheet HTML 4Page - Hirose Electric MDF76 Datasheet HTML 5Page - Hirose Electric MDF76 Datasheet HTML 6Page - Hirose Electric MDF76 Datasheet HTML 7Page - Hirose Electric MDF76 Datasheet HTML 8Page - Hirose Electric MDF76 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MDF76 Seriesq1.0 mm Pitch, Board-to-Wire LCD Interface Connectors
2
sMaterial
Plug
Receptacle
Insulator
Ground plate
Crimp contact
Part
Insulator
Contacts
Ground contact
Shell
Polyamide
Stainless steel
Phosphor bronze
Material
Polyamide or LCP (Note 4)
Phosphor bronze
Stainless steel
Color: Beige
Tin plated
Gold plated
Finish
Color: Beige or black (Note 5)
Gold plated
Tin plated
Tin plated or gold plated (Note 6)
UL94V-0
-------
-------
Remarks
UL94V-0
-------
-------
UL94V-0
Part
Material
Finish
Remarks
Note 4: Low profile receptacles MDF76KBW and MDF76LBRW are polyamide.
High profile receptacles MDF76TW, MDF76URW, and MDF76GW are LCP.
Note 5: Low profile receptacles MDF76KBW, MDF76TW, and MDF76GW are beige.
Reverse mounting MDF76LBRW and MDF76URW are black.
Note 6: Low profile receptacles MDF76KBW and MDF76LBRW have tin plating on the solder leads.
High profile receptacles MDF76TW, MDF76URW and MDF76GW have gold plating on the solder leads.
1. Insulation resistance
2. Withstanding voltage
3. Contact resistance
4. Durability
5. Vibration
6. Shock
7. Humidity
8. Temperature cycle
9. Resistance to
soldering heat
sSpecifications
-40ç to +85ç (Note 2)
RH 20% to 80%
-10ç to +60ç (Note 3)
RH 40% to 70% (Note 3)
Ratings
Voltage rating
Current rating
(Note 1)
Wire size
AWG 28 to 30: 1.0 A
AWG 32: 0.8 A
AWG 36: 0.5 A
Operating temperature range
Operating humidity range
Storage temperature range
Storage humidity range
200 V AC
Note 1: The current rating will differ depending on the wire size used.
Note 2: Includes temperature rise caused by current flow.
Note 3: The term "storage" refers to products stored for a long period prior to mounting and use.
The operating temperature and humidity range covers the non-conducting condition of connectors after board mounting and the
temporary storage conditions of transportation, etc.
100 V DC
500 V AC / 1 minute
20 mV max., at 1 mA.
50 cycles
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm,
10 cycles in each of the 3 axial directions
Acceleration of 490 m/s2, 11 ms duration, sine half-wave, 3
cycles in each of the 3 axis
96 hours at 60 ±2ç, and humidity of 90% to 95%
-55ç ¡ 5 to 35ç ¡ 85ç ¡ 5 to 35ç
Times: 30 min.¡ 2 min. to 3 min. ¡ 30 min. ¡ 2min. to 3 min.
5 cycle
Reflow
: At the recommended temperature profile
Manual soldering
: 300ç for 3 seconds
100 Mø min.
No flashover or insulation breakdown
40 mø max.
Contact resistance: 80 mø max.
No deformation of components affecting performance.
No electrical discontinuity of 1 µs or longer
No damage, cracks or parts dislocation.
No electrical discontinuity of 1 µs or longer
No damage, cracks or parts dislocation.
Contact resistance: 80 mø max.,
Insulation resistance: 50 Mø min.
Contact resistance: 80 mø max.,
Insulation resistance: 50 Mø min.
No damage, cracks or parts dislocation.
No deformation of components affecting performance.
Item
Specification
Conditions
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com