Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDF76 Datasheet(PDF) 7 Page - Hirose Electric

Part # MDF76
Description  1.0 mm Pitch, Board-to-Wire LCD Interface Connectors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

MDF76 Datasheet(HTML) 7 Page - Hirose Electric

Back Button MDF76 Datasheet HTML 3Page - Hirose Electric MDF76 Datasheet HTML 4Page - Hirose Electric MDF76 Datasheet HTML 5Page - Hirose Electric MDF76 Datasheet HTML 6Page - Hirose Electric MDF76 Datasheet HTML 7Page - Hirose Electric MDF76 Datasheet HTML 8Page - Hirose Electric MDF76 Datasheet HTML 9Page - Hirose Electric MDF76 Datasheet HTML 10Page - Hirose Electric MDF76 Datasheet HTML 11Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
MDF76 Seriesq1.0 mm Pitch, Board-to-Wire LCD Interface Connectors
(1)
40.65±0.1
1.2±0.1
P=1±0.03
29±0.05
31±0.05
37.65±0.05
(0.3)
0.8±0.08
0.6±0.05
No.1(Ground) (Note)
Note: For MDF76LBRW, MDF76URW, No.32 (Ground and No. 31 (Signal) are on left side.
No.2(Signal) (Note)
No.31(Signal)
No.32
(Ground)
Gold plated
sReceptacles (High profile)
qRight angle, Standard, top board, SMT
sRecommended PCB mounting pattern
qMid-mount
Contact pitch = 1
1.3
29
3.45
No.1 (Ground)
0.4
Lead pitch=1
No.2 (Signal)
31
No.32 (Ground)
No.31 (Signal)
37.35
40.05
0.4
Insulator Color
Packaging
Above the mounting surface
Beige
2,500 pcs. / reel
2.35 mm
Part Number
CL No.
Number of contacts
RoHS
MDF76GW-30S-1H(55)
547-0916-6-55
30
YES
For receptacles:
MDF76KBW-30S-1H(**)
MDF76LBRW-30S-1H(**)
MDF76TW-30S-1H(**)
MDF76URW-30S-1H(**)
P=1±0.05
31±0.05
0.8±0.1
0.6±0.05
No.1(Ground)
No.2(Signal)
No conductive traces
No.31(Signal)
No.32
(Ground)
36.85±0.1
1.8±0.1
(40.45)
1.5±0.05
(37.35±0.3)
0.3±0.15
qTop board
For receptacles:
MDF76GW-30S-1H(**)
All dimensions: mm
All dimensions: mm
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com