Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDF76 Datasheet(PDF) 10 Page - Hirose Electric

Part # MDF76
Description  1.0 mm Pitch, Board-to-Wire LCD Interface Connectors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

MDF76 Datasheet(HTML) 10 Page - Hirose Electric

Back Button MDF76 Datasheet HTML 4Page - Hirose Electric MDF76 Datasheet HTML 5Page - Hirose Electric MDF76 Datasheet HTML 6Page - Hirose Electric MDF76 Datasheet HTML 7Page - Hirose Electric MDF76 Datasheet HTML 8Page - Hirose Electric MDF76 Datasheet HTML 9Page - Hirose Electric MDF76 Datasheet HTML 10Page - Hirose Electric MDF76 Datasheet HTML 11Page - Hirose Electric MDF76 Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MDF76-2836PCFA(41)
Crimped contact
MDF76-30P-1C
Plug
Horizontal insertion !
Insert
Figure 2. Crimped Contact Insertion
MDF76 Seriesq1.0 mm Pitch, Board-to-Wire LCD Interface Connectors
10
MDF76-30P-1C
Figure 3. Angular mating / unmating
PCB
MDF76 # W-30S-1H(**)
Receptacle
20° Max.
Mating / unmating of the connectors should be done in the direction
parallel to the receptacle’s mounting surface. Do not attempt to
mate/unmate in any other direction.
Note: The connectors will self-guide themselves within the 20° angle,
as shown in Fig. 3.
Contact must be inserted horizontally oriented as shown on Fig. 2
Do NOT attempt to insert crimped contact in any other direction.
Do not mate / unmate the connectors when the receptacle is NOT
mounted on the PC board.
Differences in color shade of molded components will not affect form, fit
or function.
Contact HRS if additional information is required.
9.Connector mating / unmating
8.Crimped contact insertion
10.Precautions
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com