Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDF76 Datasheet(PDF) 1 Page - Hirose Electric

Part # MDF76
Description  1.0 mm Pitch, Board-to-Wire LCD Interface Connectors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

MDF76 Datasheet(HTML) 1 Page - Hirose Electric

  MDF76 Datasheet HTML 1Page - Hirose Electric MDF76 Datasheet HTML 2Page - Hirose Electric MDF76 Datasheet HTML 3Page - Hirose Electric MDF76 Datasheet HTML 4Page - Hirose Electric MDF76 Datasheet HTML 5Page - Hirose Electric MDF76 Datasheet HTML 6Page - Hirose Electric MDF76 Datasheet HTML 7Page - Hirose Electric MDF76 Datasheet HTML 8Page - Hirose Electric MDF76 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
1.0 mm Pitch, Board-to-Wire LCD Interface Connectors
MDF76 Series
sFeatures
1. High-speed data transfer
Ground contacts opposite the signal contacts (Receptacle)
provide superior impedance matching.
2. EMI protection
Metal shell provides shielding and ground connections.
3. Increased Plug / Receptacle retention force
Unique configuration of the receptacle ground contacts
mating with the corresponding plug increases the retention
force between them.
(MDF76-30P-1 Plug mated with MDF76KBW or
MDF76LBRW Receptacles.)
4. Incorrect insertion prevention
Built-in polarizing features prevent reverse insertion of the
plug in the receptacle.
5. High board retention force
Metal shell is soldered directly to the PC board.
6. RoHS compliant
All components and materials comply with the requirements
of EU Directive 2002/95/EC.
sApplications
Notebook computers, desktop computers, Liquid Crystal
Panels, LCD monitors and other devices requiring discrete
wire connections with a low-profile high performance
connectors.
2008.3
NEW
Plug
Receptacle
Crimped contact
Ground contact
Outer shell
Protrusion
sIncreased Plug / Receptacle retention force
sIncorrect insertion prevention
A vertically asymmetrical key form prevents
reverse insertion.
Board side receptacle
Cable side plug
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - MDF76

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MDF76-2836PCFA HIROSE-MDF76-2836PCFA Datasheet
490Kb / 12P
1.0 mm Pitch, Board-to-Wire LCD Interface Connectors
MDF76GW-30P-1C HIROSE-MDF76GW-30P-1C Datasheet
490Kb / 12P
1.0 mm Pitch, Board-to-Wire LCD Interface Connectors
MDF76GW-30P-1H HIROSE-MDF76GW-30P-1H Datasheet
490Kb / 12P
1.0 mm Pitch, Board-to-Wire LCD Interface Connectors
MDF76GW-30S-1C HIROSE-MDF76GW-30S-1C Datasheet
490Kb / 12P
1.0 mm Pitch, Board-to-Wire LCD Interface Connectors
MDF76GW-30S-1H HIROSE-MDF76GW-30S-1H Datasheet
490Kb / 12P
1.0 mm Pitch, Board-to-Wire LCD Interface Connectors
More results

Similar Description - MDF76

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBC12.542T DUBILIER-DBC12.542T Datasheet
176Kb / 1P
BOARD TO WIRE CONNECTORS
DBC13.962T DUBILIER-DBC13.962T Datasheet
913Kb / 1P
BOARD TO WIRE CONNECTORS
DBC22.52T DUBILIER-DBC22.52T Datasheet
326Kb / 1P
BOARD TO WIRE CONNECTORS
DBC23.96PH2T DUBILIER-DBC23.96PH2T Datasheet
178Kb / 1P
BOARD TO WIRE CONNECTORS
DBC23.962T DUBILIER-DBC23.962T Datasheet
473Kb / 1P
BOARD TO WIRE CONNECTORS 3.96mm PITCH
DBC32.52T DUBILIER-DBC32.52T Datasheet
440Kb / 1P
BOARD TO WIRE CONNECTORS
logo
Hirose Electric
MDF76KBW-30P-1C HIROSE-MDF76KBW-30P-1C Datasheet
490Kb / 12P
1.0 mm Pitch, Board-to-Wire LCD Interface Connectors
DF24A-40DS-0.9C HIROSE-DF24A-40DS-0.9C Datasheet
419Kb / 8P
0.9 mm Pitch Vertical Mating Board-to-Wire Connectors
DF24 HIROSE-DF24 Datasheet
427Kb / 8P
0.9 mm Pitch Vertical Mating Board-to-Wire Connectors
logo
TE Connectivity Ltd
ENG_DS_2207 TEC-ENG_DS_2207 Datasheet
5Mb / 9P
2.54 mm Wire-to-Board Connectors
03/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com