Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDF76 Datasheet(PDF) 4 Page - Hirose Electric

Part # MDF76
Description  1.0 mm Pitch, Board-to-Wire LCD Interface Connectors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

MDF76 Datasheet(HTML) 4 Page - Hirose Electric

  MDF76 Datasheet HTML 1Page - Hirose Electric MDF76 Datasheet HTML 2Page - Hirose Electric MDF76 Datasheet HTML 3Page - Hirose Electric MDF76 Datasheet HTML 4Page - Hirose Electric MDF76 Datasheet HTML 5Page - Hirose Electric MDF76 Datasheet HTML 6Page - Hirose Electric MDF76 Datasheet HTML 7Page - Hirose Electric MDF76 Datasheet HTML 8Page - Hirose Electric MDF76 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MDF76 Seriesq1.0 mm Pitch, Board-to-Wire LCD Interface Connectors
4
sPlug (Discrete cable)
sCrimp contact
Insulator Color
Beige
All dimensions: mm
All dimensions: mm
Contact No.1 indicator
34.9
P=1
29
31.9
33.3
0.75
0.7
t=0.15
Part Number
Shown terminated
• Supplied in bag. (100 pieces/bag)
• Contacts supplied separate
CL No.
Number of contacts
RoHS
MDF76-30P-1C
547-0918-1
30
YES
Quantity
1 Reel / 30,000
Part Number
CL No.
Packaging
MDF76-2836PCFA(41) 547-0919-4-41
Reel
RoHS
YES
Finish
Gold plated
Jacket diameter
0.6mm max.
0.4mm max.
Wire size (Stranded wire conductor)
AWG#28 (7 / 0.127mm)
AWG#30 (7 / 0.10mm)
AWG#32 (7 / 0.08mm)
AWG#36 (7 / 0.05mm)
qApplicable wire (Tin plated annealed copper wire)
Note: When using other than the recommended wire, contact nearest Hirose
sales representative.
CL No.
901-4613-1
901-0005-4
550-0179-2
Type
Part Number
Applicator
Press
Extraction tool
AP105-MDF76-2836P
CM-105
DF-C-PO(B)
qTools
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com