Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV921 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV921
Description  1.8V RR I/O Op Amp
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV921 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button LMV921 Datasheet HTML 18Page - National Semiconductor (TI) LMV921 Datasheet HTML 19Page - National Semiconductor (TI) LMV921 Datasheet HTML 20Page - National Semiconductor (TI) LMV921 Datasheet HTML 21Page - National Semiconductor (TI) LMV921 Datasheet HTML 22Page - National Semiconductor (TI) LMV921 Datasheet HTML 23Page - National Semiconductor (TI) LMV921 Datasheet HTML 24Page - National Semiconductor (TI) LMV921 Datasheet HTML 25Page - National Semiconductor (TI) LMV921 Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
2-16
2.0 DEVICE INFORMATION
Typical Applications (Continued)
2.0 Instrumentation Amplifier with Rail-To-Rail Input and
Output
Using three LMV921 Amplifiers, an instrumentation amplifier
with rail-to-rail inputs and outputs can be made.
Some manufactures use a precision voltage divider array of
5 resistors to divide the common mode voltage to get a
rail-to-rail input range. The problem with this method is that it
also divides the signal, so in order to get unity gain, the am-
plifier must be run at high loop gains. This raises the noise
and drift by the internal gain factor and lowers the input im-
pedance. Any mismatch in these precision resistors reduces
the CMRR as well. Using the LMV921 eliminates all of these
problems.
In this example, amplifiers A and B act as buffers to the dif-
ferential stage. These buffers assure that the input imped-
ance is very high and require no precision matched resistors
in the input stage. They also assure that the difference amp
is driven from a voltage source. This is necessary to main-
tain the CMRR set by the matching R
1-R2 with R3-R4.
The gain is set by the ratio of R
2/R1 and R3 should equal R1
and R
4 equal R2.
With both rail-to-rail input and output ranges, the input and
output are only limited by the supply voltages. Remember
that even with rail-to-rail outputs, the output can not swing
past the supplies so the combined common mode voltages
plus the signal should not be greater that the supplies or lim-
iting will occur. For additional applications, see National
Semiconductor application notes AN-29, AN-31, AN-71, and
AN-127.
DS100979-G4
Figure 7. Rail-to-rail instumentation amplifier using three LMV921 amplifiers
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com