Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV921 Datasheet(PDF) 40 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV921
Description  1.8V RR I/O Op Amp
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV921 Datasheet(HTML) 40 Page - National Semiconductor (TI)

Back Button LMV921 Datasheet HTML 34Page - National Semiconductor (TI) LMV921 Datasheet HTML 35Page - National Semiconductor (TI) LMV921 Datasheet HTML 36Page - National Semiconductor (TI) LMV921 Datasheet HTML 37Page - National Semiconductor (TI) LMV921 Datasheet HTML 38Page - National Semiconductor (TI) LMV921 Datasheet HTML 39Page - National Semiconductor (TI) LMV921 Datasheet HTML 40Page - National Semiconductor (TI) LMV921 Datasheet HTML 41Page - National Semiconductor (TI) LMV921 Datasheet HTML 42Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
5-3
LMV921 Qualification Package
5.0 RELIABILITY DATA
(QYLURQPHQWDO7HVW5HVXOWV FRQWLQXHG
7HVWV
7LPH3RLQW KUV
1XPEHURI)DLOXUHV
$&/9 $XWRFODYH




70&/ 7HPS&\FOH






7+%7 7HPS+XPLGLW\ %LDV7HVW




+76/
+LJK7HPSHUDWXUH6WRUDJH7HVW


(6' (OHFWUR6WDWLF'LVFKDUJH 7HVW5HVXOWV
7HVWV
9ROWDJH 9
1XPEHURI)DLOXUHV








(6'
+XPDQ%RG\0RGHO










(6'
0DFKLQH0RGHO


/DWFKXS7HVW5HVXOWV
7HVWV
7HPSHUDWXUH &
1XPEHURI)DLOXUHV


/DWFKXS


4XDOLILFDWLRQ5HTXLUHPHQWVDQG6WDWXV6XPPDU\
7HVWV
5HTXLUHPHQWV
6WDWXV
'23/ '\QDPLF2SHUDWLQJ/LIH
 KRXUV
3DVV
$&/9 $XWRFODYH
 KRXUV
3DVV
70&/ 7HPS&\FOH
 KRXUV
3DVV
7+%7 7HPS+XPLGLW\ %LDV7HVW
KRXUV
3DVV
+76/ +LJK7HPS6WRUDJH
 KRXUV
3DVV
(6'
+XPDQ%RG\0RGHO
9
3DVV
(6'
0DFKLQH0RGHO
9
)DLO
UHOHDVHZLWKZDLYHU
/DWFKXS
 DQG&
3DVV
),7DQG()5&DOFXODWLRQ
),7 )DLOXUH 8QLW ±DPHDVXUHRIIDLOXUHUDWHGHILQHGDVRQHIDLOXUHLQRQELOOLRQGHYLFHKRXUV
$VVXPH
 7M
&
 7M $SSOLFDWLRQ
 &
 $FWLYDWLRQ(QHUJ\
HY
 $FFHOHUDWLRQ)DFWRU 
 &RQILGHQFH)DFWRU

7KHQ
),7
IDLOXUHVSHURQHELOOLRQGHYLFHKRXUV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com