Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV921 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV921
Description  1.8V RR I/O Op Amp
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV921 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LMV921 Datasheet HTML 15Page - National Semiconductor (TI) LMV921 Datasheet HTML 16Page - National Semiconductor (TI) LMV921 Datasheet HTML 17Page - National Semiconductor (TI) LMV921 Datasheet HTML 18Page - National Semiconductor (TI) LMV921 Datasheet HTML 19Page - National Semiconductor (TI) LMV921 Datasheet HTML 20Page - National Semiconductor (TI) LMV921 Datasheet HTML 21Page - National Semiconductor (TI) LMV921 Datasheet HTML 22Page - National Semiconductor (TI) LMV921 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
2-13
LMV921 Qualification Package
2.0 DEVICE INFORMATION
Application Note
1.0 Unity Gain Pulse Response Considerations
The unity-gain follower is the most sensitive configuration to
capacitive loading. The LMV921 can directly drive 1nF in a
unity-gain with minimal ringing. Direct capacitive loading re-
duces the phase margin of the amplifier. The combination of
the amplifier’s output impedance and the capacitive load in-
duces phase lag. This results in either an underdamped
pulse response or oscillation. The pulse response can be im-
proved by adding a pull up resistor as shown in
Figure 1
Higher capacitances can be driven by decreasing the value
of the pull-up resistor, but its value shouldn’t be reduced be-
yond the sinking capability of the part. An alternate approach
is to use an isolation resistor as illustrated in
Figure 2.
2.0 Input Bias Current Consideration
The LMV921 has a bipolar input stage. The typical input bias
current (I
B) is 12nA. The input bias current can develop a sig-
nificant offset voltage. This offset is primarily due to I
B flow-
ing through the negative feedback resistor, R
F. For example,
if I
B is 50nA (max room) and RF is 100kΩ, then an offset volt-
age of 5mV will develop (V
OS = IBXRF). Using a compensa-
tion resistor (R
C), as shown in Figure 3, cancels this affect.
But the input offset current (I
OS) will still contribute to an off-
set voltage in the same manner.
3.0 Operating Supply Voltage
The LMV921 is guaranteed to operate from 1.8V to 5.0V.
The LMV921 will begin to function at power voltages as low
as 1.2V at room temperature when unloaded. Start up volt-
age increases to 1.5V when the amplifier is fully loaded
(600
Ω to mid-supply). Below 1.2V the output voltage is not
guaranteed to follow the input.
Figure 4 below shows the out-
put voltage vs. supply voltage with the LMV921 configured
as a voltage follower at room temperature.
4.0 Input and Output Stage
The rail-to-rail input stage of LMV921 provides more flexibil-
ity for the designer. The LMV921 uses a complimentary PNP
and NPN input stage in which the PNP stage senses com-
mon mode voltage near V
− and the NPN stage senses com-
mon mode voltage near V
+. The transition from the PNP
stage to NPN stage occurs 1V below V
+. Since both input
stages have their own offset voltage, the offset of the ampli-
fier becomes a function of the input common mode voltage
and has a crossover point at 1V below V
+ as shown in the
V
OS vs. VCM curves.
DS100979-41
FIGURE 1. Using a Pull-Up Resistor at the Output for
Stabilizing Capacitive Loads
DS100979-43
FIGURE 2. Using an Isolation Resistor to Drive Heavy
Capacitive Loads
DS100979-59
FIGURE 3. Canceling the Voltage Offset Effect of Input
Bias Current
DS100979-D2
FIGURE 4.
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com