Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV921 Datasheet(PDF) 30 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV921
Description  1.8V RR I/O Op Amp
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV921 Datasheet(HTML) 30 Page - National Semiconductor (TI)

Back Button LMV921 Datasheet HTML 26Page - National Semiconductor (TI) LMV921 Datasheet HTML 27Page - National Semiconductor (TI) LMV921 Datasheet HTML 28Page - National Semiconductor (TI) LMV921 Datasheet HTML 29Page - National Semiconductor (TI) LMV921 Datasheet HTML 30Page - National Semiconductor (TI) LMV921 Datasheet HTML 31Page - National Semiconductor (TI) LMV921 Datasheet HTML 32Page - National Semiconductor (TI) LMV921 Datasheet HTML 33Page - National Semiconductor (TI) LMV921 Datasheet HTML 34Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
3-1
LMV921 Qualification Package
3.0 PROCESS INFORMATION
3.1 Process Details
Fabrication Site: South Portland Fairchild
Process Technology: CS80CBI (Submicron Silicon Gate CMOS/Bipolar)
Minimum Feature Size: 0.8 microns
Wafer Diameter: 6 inches
Number of Masks: 18
Metallization: 0.5% Copper, dual layer Aluminum metal
1st layer = 7,500 Å thick
2nd layer = 12,000 Å thick
Top Side Passivation: Over Nitride (11,500 Å thick)
Over Oxide (5,000 Å thick)
3.2 Process Detail & Masks
STAGE 1:
Initial Ox
STAGE 2:
Trench Define & Etch
STAGE 3:
Mask 0.6, N-Iso
STAGE 4:
N-Iso Implant
STAGE 5:
N-Iso Drive
STAGE 6:
N-Iso Ox Strip & Screen Ox
STAGE 7:
Mask 0.8, N+ Buried layer
STAGE 8:
N+ Buried Layer Implant
STAGE 9:
Mask 0.9,P+ Buried Layer
STAGE 10:
P+ Buried Layer Implant
STAGE 11:
Buried Layer Anneal
STAGE 12:
Epi Growth
STAGE 13:
Pad Oxide & Nitride
STAGE 14:
Mask 1.0, N-Well
STAGE 15:
N-Well Implant
STAGE 16:
Selective Oxide
STAGE 17:
N-Well Nitride Strip
STAGE 18:
P-Well implant
STAGE 19:
Selective Oxide Etch
STAGE 20:
N-Well & P-Well Drive-In Oxide
STAGE 21:
Drive-In Oxide Strip
STAGE 22:
Mask 2.0, Composite
STAGE 23:
Composite Pad Oxide & Composite Nitride
STAGE 24:
Composite Mask Etch
STAGE 25:
Mask 3.0, P-Field
STAGE 26:
P-Field Implant
STAGE 27:
Iso Field Oxide
STAGE 28:
Active (Composite Area) Nitride Strip
STAGE 29:
Pad Oxide Removal & Sacrificial Oxide Growth & Vt Adjust Implant
STAGE 30:
Sacrificial Oxide Strip & Gate Oxide & Poly Deposition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com