Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV921 Datasheet(PDF) 34 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV921
Description  1.8V RR I/O Op Amp
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV921 Datasheet(HTML) 34 Page - National Semiconductor (TI)

Back Button LMV921 Datasheet HTML 30Page - National Semiconductor (TI) LMV921 Datasheet HTML 31Page - National Semiconductor (TI) LMV921 Datasheet HTML 32Page - National Semiconductor (TI) LMV921 Datasheet HTML 33Page - National Semiconductor (TI) LMV921 Datasheet HTML 34Page - National Semiconductor (TI) LMV921 Datasheet HTML 35Page - National Semiconductor (TI) LMV921 Datasheet HTML 36Page - National Semiconductor (TI) LMV921 Datasheet HTML 37Page - National Semiconductor (TI) LMV921 Datasheet HTML 38Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
4-1
LMV921 Qualification Package
4.0 PACKAGING INFORMATION
4.1 Package Material
Generic Package Type
5 Lead SOT23
5 Lead SC-70
NS Package Number
MA05B
MAA005B
Package/Compound
Epoxy Cresol Novolac
Epoxy Cresol Novolac
Manufacturer
Sumitomo
Sumitomo
Package/Compound
Sumitomo EME-6710
Nitto MP-8000C
Manufacturer’s Designation
NSC B18
Lead Frame Material
Copper
Copper
Lead Frame Manufacturer
NSC-DCI
Enomoto
External Lead Frame Coating
Solder Plate
Solder Plate
Sn/Pb
Sn/Pb
Pins
Gull Wing 6mils Thick
Gull Wing 6mils Thick
Die Attach Method
Eutectic, Cr/Ag/Sn
Eutectic, Cr/Ag/Sn
Bond Wire
Gold, 1.0 mils
Gold, 1.0 mils
Bond Type
Hot Thermosonic Ball
Hot Thermosonic Ball
Package Thermal
265°C/W
478°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com